Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASK12 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MASK12
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MASK12 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MASK12 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MASK12 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MASK12 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC MSMA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
IF(AV)
1.0 A
20 V to 100 V
30 A
0.50V,0.55V,0.70V,0.85V
VRRM
IFSM
VF
Tj max.
125 °C
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
MASK
12
MASK13~
MASK14
MASK15~
MASK16
0.50
0.55
0.70
MASK
16
MASK
18
Items
Symbol
MASK
12
MASK
13
MASK
14
MASK
15
MASK
110
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
Maximum DC blocking voltage
VDC
20
30
40
50
TJ,TSTG
–65 to +125
℃
Maximum average forward rectified current
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30
Reverse current
VR=VDC
TA=25℃
TA=100℃
IR
Items
Test conditions
Symbol
Instantaneous forward voltage
IF=1.0A
(2)
VF
mA
j
70
V
0.5
10
V
100
V
MASK18~
MASK110
0.85
35
A
60
80
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
UNIT
Thermal resistance from junction to lead
(1)
RθJL
℃
/W
Operating junction and storage temperature
range
MASK12~MASK110
Surface Mount Schottky Rectifiers
http://www.trr-jx.com


Similar Part No. - MASK12

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MASK210 JUXING-MASK210 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK22 JUXING-MASK22 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK23 JUXING-MASK23 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK24 JUXING-MASK24 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
MASK25 JUXING-MASK25 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - MASK12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com