Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PS9713 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9713
Description  1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9713 Datasheet(HTML) 6 Page - California Eastern Labs

  PS9713 Datasheet HTML 1Page - California Eastern Labs PS9713 Datasheet HTML 2Page - California Eastern Labs PS9713 Datasheet HTML 3Page - California Eastern Labs PS9713 Datasheet HTML 4Page - California Eastern Labs PS9713 Datasheet HTML 5Page - California Eastern Labs PS9713 Datasheet HTML 6Page - California Eastern Labs PS9713 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PS9713
TAPING SPECIFICATIONS (Units in mm)
TAPE DIRECTION
PS9713-F3
PS9713-F4
OUTLINE AND DIMENSIONS (REEL)
Packing : 3500 pcs/reel F3, F4
OUTLINE AND DIMENSIONS (TAPE)
2.0 ± 0.1
4.0 ± 0.1
1.55 ± 0.1
1.55 ± 0.1
8.0 ± 0.1
4.6 ± 0.1
2.4 ± 0.1
0.3
5.5 ± 0.1
7.4 ± 0.1
1.75 ± 0.1
12.0 ± 0.2
2.0 ± 0.5
1.5 ± 0.5
12.4
+2.0
-0.0
φ21.0 ± 0.8
6.0 ± 1
12
60°
18.4 MAX
1.5 ± 0.1
1.5 ± 0.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com