Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSRF02N65SL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSRF02N65SL
Description  N-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSRF02N65SL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSRF02N65SL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSRF02N65SL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSRF02N65SL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSRF02N65SL Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSRF02N65SL Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SSRF02N65SL
2A , 650V , RDS(ON) 4.8
N-Ch Enhancement Mode Power MOSFET
25-Sep-2013 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ITO-220
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSRF02N65SL is the highest performance trench
N-ch MOSFETs with extreme high cell density , which provide
excellent RDS(on) and gate charge for most of the synchronous
buck converter applications .
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±30
V
TC=25°C
2
A
Continuous Drain Current
TC=100°C
ID
1.3
A
Pulsed Drain Current
IDM
8
A
TC=25°C
25
Total Power Dissipation
Derate above 25°C
PD
0.2
W
Single Pulse Avalanche Energy
1
EAS
100
mJ
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Thermal Resistance Junction-Ambient
RθJA
120
°C / W
Maximum Thermal Resistance Junction-Case
RθJC
5
°C / W
Notes:
1. L=30mH,IAS=2.37A, VDD=60V, RG=25 , Starting TJ =25°C
1
Gate
3
Source
2
Drain
A
M
J
K
L
L
G
F
B
N
D
E
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.60
16.50
H
2.70
4.00
B
9.50
10.50
J
0.90
1.50
C
12.60
14.00
K
0.50
0.95
D
4.30
5.10
L
2.34
2.74
E
2.30
3.2
M
2.40
3.60
F
2.30
3.10
N
φ 3.0
φ 3.4
G
0.30
0.75


Similar Part No. - SSRF02N65SL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF02N65SL SECOS-SSRF02N65SL_15 Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSRF02N65SL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SSD20N06-90D SECOS-SSD20N06-90D Datasheet
401Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com