Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCG4153 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG4153
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG4153 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCG4153 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG4153 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG4153 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SCG4153 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SCG4153
0.8A , 20V , RDS(ON) 310 mΩ
N-Channel Enhancement Mode MOSFET
12-Mar-2013 Rev. A
Page 2 of 4
THERMAL RESISTANCE RATINGS
Note:
1. Surface mounted on FR4 Board using 1 square inch pad size, 1oz copper.
2. Surface mounted on FR4 board using minimum pad size, 1oz copper
3. Repetitive rating, pulse width limited by junction temperature, tp=10µs, Duty Cycle=1%
4. Repetitive rating, pulse width limited by junction temperature TJ=150°C.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
20
-
-
V
VGS=0, ID=250µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=16V, VGS=0
Gate-Source Leakage
IGSS
-
-
±5
µA
VDS=0 , VGS= ±5V
Gate-Threshold Voltage
VGS(TH)
0.45
0.55
1
V
VDS=VGS, ID=250µA
-
220
310
VGS=4.5V, ID=0.55A
-
260
360
VGS=2.5V, ID=0.45A
Drain-Source On Resistance
RDS(ON)
-
320
460
m
VGS=1.8V, ID=0.35A
Forward Transconductance
gFS
-
1
-
S
VDS=10V, ID=0.4A
Body-Drain Diode Ratings
Diode Forward On–Voltage
VSD
0.5
0.7
1.5
V
IS=350mA, VGS=0
Dynamic Characteristics
Input Capacitance
CISS
-
68
-
Output Capacitance
COSS
-
9
-
Reverse Transfer Capacitance
CRSS
-
7.5
-
pF
VDS=10V,
VGS=0,
f=100KHz
Total Gate Charge
QG(TOT)
-
1.15
-
Threshold Gate Charge
QG(TH)
-
0.06
-
Gate-to-Source Charge
QGS
-
0.15
-
Gate-to-Drain Charge
QGD
-
0.23
-
nC
VDS=10V,
VGS=4.5V,
ID=0.55A
Turn-on Delay Time
Td(ON)
-
22
-
Rise Time
Tr
-
80
-
Turn-off Delay Time
Td(OFF)
-
700
-
Fall Time
Tf
-
380
-
nS
VDD=10V,
I D=0.55A,
VGS=4.5V,
RG=6 .
Rating
Parameter
Symbol
Typ.
Max.
Unit
T≦10S
285
335
Junction-to-Ambient Thermal Resistance
1
Steady State
RθJA
340
405
T≦10S
385
450
Junction-to-Ambient Thermal Resistance
2
Steady State
RθJA
455
545
Junction-to-Case Thermal Resistance
Steady State
RθJC
260
300
°C / W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com