Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS179W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS179W
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS179W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS179W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS179W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS179W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SCS179W
0.2A , 80V
Surface Mount Switching Diode
10-Apr-2013 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
75
-
V
IBR=100µA
-
30
VR=25V, TJ=150°C
-
2.5
VR=70V
Leakage Current
IR
-
50
µA
VR=70V, TJ=150°C
-
715
IF=1mA
-
855
IF=10mA
-
1000
IF=50mA
Forward Voltage
VF
-
1250
mV
IF=150mA
Diode Capacitance
CD
-
1.5
pF
VR=0, f=1MHz
Reverse Recovery Time
TRR
-
6
nS
IF=IR=10mA, IR(REC)=1mA(Figure 1),
RL=100
RATINGS AND CHARACTERISTIC CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com