Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0190 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0190
Description  GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0190 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0190 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0190 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0190 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0190 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs Broadband DPDT Diversity Switch
2.0 - 6.0 GHz
Rev. V1
MASWSS0190
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 802.11a + b/g Dual Band Applications
• Broadband Performance: 2.0 - 6.0 GHz
• Low Insertion Loss: 0.75 dB @ 2.4 GHz
0.9 dB @ 4.9 to 6.0 GHz
• High Isolation: 43 dB @ 2.4 GHz
31 dB @ 4.9 to 6.0 GHz
• Fast Switching Speed: 0.5 µm GaAs PHEMT
• Lead-Free 2 mm 8-Lead UTDFN Package
• Electrolytic Gold Plate over Nickel Plate
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0190 is a broadband GaAs
PHEMT MMIC diversity switch available in a low
cost, lead-free, ultra thin 2 mm 8-lead UTDFN
package.
The MASWSS0190 is ideally suited for
applications where very small size and low cost are
required.
Typical applications are for WLAN IEEE 802.11a
and 802.11b/g systems that employ two antennas
for transmit and receive diversity. Other applications
include
cordless
phones
and
base
stations.
Designed
for
high
power,
this
DPDT
switch
maintains high linearity up to 6.0 GHz.
The MASWSS0190 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Ordering Information
Part Number
Package
MASWSS0190TR-3000
7 inch, 3000 piece reel
MASWSS0190SMB
Sample Test Board
Functional Schematic
Pin No.
Pin Name
Description
1
Rx
Receive Port
2
GND
Ground
3
GND
Ground
4
Tx
Transmit Port
5
VC1
Control 1
6
ANT1
Antenna Port 1
7
ANT2
Antenna Port 2
8
VC2
Control 2
9
Paddle
1
RF and DC Ground
Pin Configuration
1. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0190

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0190SMB MACOM-MASWSS0190SMB Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190SMB MA-COM-MASWSS0190SMB Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0190TR-3000 MACOM-MASWSS0190TR-3000 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
More results

Similar Description - MASWSS0190

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MACOM-MASWSS0107 Datasheet
185Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com