Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC45208 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC45208
Description  26V 10A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45208 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC45208 Datasheet HTML 2Page - Micrel Semiconductor MIC45208 Datasheet HTML 3Page - Micrel Semiconductor MIC45208 Datasheet HTML 4Page - Micrel Semiconductor MIC45208 Datasheet HTML 5Page - Micrel Semiconductor MIC45208 Datasheet HTML 6Page - Micrel Semiconductor MIC45208 Datasheet HTML 7Page - Micrel Semiconductor MIC45208 Datasheet HTML 8Page - Micrel Semiconductor MIC45208 Datasheet HTML 9Page - Micrel Semiconductor MIC45208 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Micrel, Inc.
MIC45208
May 29, 2014
6
Revision 1.2
Typical Characteristics
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 2A
1.5
1.6
1.7
1.8
1.9
2.0
2.1
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Output Voltage
vs. Temperature
V
IN = 12V
V
OUT= 1.8V
I
OUT = 0A
0.5
0.6
0.7
0.8
0.9
1.0
1.1
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
EN Bias Current
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
0.0
0.4
0.8
1.2
1.6
2.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Enable Threshold
vs. Temperature
FALLING
RISING
V
IN = 12V
V
OUT = 1.8V
0
120
240
360
480
600
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN Operating Supply Current
vs. Temperature (MIC45208-1)
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD Supply Voltage
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN Operating Supply Current
vs. Temperature (MIC45208-2)
V
OUT = 1.8V
I
OUT = 0A
f
SW = 600kHz
0
10
20
30
40
50
4.5
8.8
13.1
17.4
21.7
26
INPUT VOLTAGE (V)
VIN Shutdown Current
vs. Input Voltage
V
EN = 0V
R10 = OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com