Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD596 Datasheet(PDF) 1 Page - NEC

Part # 2SD596
Description  AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD596 Datasheet(HTML) 1 Page - NEC

  2SD596 Datasheet HTML 1Page - NEC 2SD596 Datasheet HTML 2Page - NEC 2SD596 Datasheet HTML 3Page - NEC 2SD596 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SD596

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SD596 KEXIN-2SD596 Datasheet
37Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Rectron Semiconductor
2SD596 RECTRON-2SD596 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
Shenzhen Jin Yu Semicon...
2SD596 HTSEMI-2SD596 Datasheet
761Kb / 3P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SD596 SECOS-2SD596 Datasheet
327Kb / 3P
0.7A , 30V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SD596

ManufacturerPart #DatasheetDescription
logo
NEC
2SB624 NEC-2SB624 Datasheet
256Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SB736 NEC-2SB736 Datasheet
183Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR(MINI MOLD)
2SC1622A NEC-2SC1622A Datasheet
234Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2223 NEC-2SC2223 Datasheet
222Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC3624 NEC-2SC3624 Datasheet
222Kb / 4P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3734 NEC-2SC3734 Datasheet
233Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD780 NEC-2SD780 Datasheet
179Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SD596A NEC-2SD596A Datasheet
541Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Unisonic Technologies
2SC1623 UTC-2SC1623 Datasheet
120Kb / 2P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com