Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IR2136 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2136
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136 Datasheet(HTML) 1 Page - International Rectifier

  IR2136 Datasheet HTML 1Page - International Rectifier IR2136 Datasheet HTML 2Page - International Rectifier IR2136 Datasheet HTML 3Page - International Rectifier IR2136 Datasheet HTML 4Page - International Rectifier IR2136 Datasheet HTML 5Page - International Rectifier IR2136 Datasheet HTML 6Page - International Rectifier IR2136 Datasheet HTML 7Page - International Rectifier IR2136 Datasheet HTML 8Page - International Rectifier IR2136 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
www.irf.com
1
IR213(6,62,63,65,66,67,68)(J&S) & PbF
3-PHASE BRIDGE DRIVER
Packages
Description
The IR2136x (J&S) are high voltage, high
speed power MOSFET and IGBT drivers with
three
independent
high
and
low
side
referenced output channels for 3-phase
applications. Proprietary HVIC technology
enables ruggedized monolithic construction.
Logic inputs are compatible with CMOS or
LSTTL outputs, down to 3.3 V logic. A current
trip function which terminates all six outputs
can be derived from an external current sense resistor. An enable function is available to terminate all six outputs simultaneously. An
open-drain FAULT signal is provided to indicate that an overcurrent or undervoltage shutdown has occurred. Overcurrent fault
conditions are cleared automatically after a delay programmed externally via an RC network connected to the RCIN input. The output
drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to
simplify use in high frequency applications. The floating channels can be used to drive N-channel power MOSFETs or IGBTs in the
high side configuration which operates up to 600 V.
Part
IR2136
IR21362
IR21363
IR21365
IR21366
IR21367
IR21368
Input Logic
___ ___
HIN, LIN
___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
___ ___
HIN, LIN
Ton (typ.)
400 ns
400 ns
400 ns
400 ns
250 ns
250 ns
400 ns
Toff (typ.)
380ns
380 ns
380 ns
380 ns
180 ns
180 ns
380 ns
VIH (typ.)
2.7 V
2.7 V
2.7 V
2.7 V
2.0 V
2.0 V
2.0 V
VIL (typ.)
1.7 V
1.7 V
1.7 V
1.7 V
1.3 V
1.3 V
1.3 V
Vitrip+
0.46 V
0.46 V
0.46 V
4.3 V
0.46 V
4.3 V
4.3 V
UVCC/BS+
8.9 V
10.4 V
11.2 V
11.2 V
11.2 V
11.2 V
8.9 V
UVCC/BS-
8.2 V
9.4 V
11.0 V
11.0 V
11.0 V
11.0 V
8.2 V
Features
•
Floating channel designed for bootstrap operation
•
Fully operational to +600 V
•
Tolerant to negative transient voltage, dV/dt immune
•
Gate drive supply range from 10 V to 20 V (IR2136/
IR21368), 11.5 V to 20 V (IR21362D), or 12 V to 20 V
(IR21363/IR21365/IR21366/IR21367)
•
Undervoltage lockout for all channels
•
Over-current shutdown turns off all six drivers
•
Independent 3 half-bridge drivers
•
Matched propagation delay for all channels
•
Cross-conduction prevention logic
•
Low side output out of phase with inputs. High side outputs
out of phase (IR213(6,63, 65, 66, 67, 68)), or in phase
(IR21362) with inputs
•
3.3 V logic compatible
•
Lower di/dt gate drive for better noise immunity
•
Externally programmable delay for automatic fault clear
•
All parts are LEAD-FREE
IR2136/IR21362/IR21363/IR21365/
IR21366/IR21367/IR21368 (J&S) & (PbF)
28-Lead SOIC
28-Lead PDIP
44-Lead PLCC w/o 12 Leads
Data Sheet No. PD60166 revU
Feature Comparison: IR213(6,62,63,65,66,67,68)
Typical Connection


Similar Part No. - IR2136

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2136 IRF-IR2136 Datasheet
390Kb / 36P
3-PHASE BRIDGE DRIVER
IR2136 IRF-IR2136 Datasheet
896Kb / 36P
3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2136 INFINEON-IR2136 Datasheet
917Kb / 36P
600 V three-phase gate driver IC with OCP, Enable, and Fault
logo
International Rectifier
IR21362 IRF-IR21362 Datasheet
390Kb / 36P
3-PHASE BRIDGE DRIVER
IR21362 IRF-IR21362 Datasheet
902Kb / 36P
3-PHASE BRIDGE DRIVER
More results

Similar Description - IR2136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com