Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI6C48543 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C48543
Description  3.3V Low Skew 1-to-4, 800MHz, Differential to LVDS Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48543 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C48543 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48543 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI6C48543
3.3V Low Skew 1-to-4, 800MHz,
Differential to LVDS Fanout Buffer
2
PS8771B
10/02/08
Pin Description
Name
Pin #
Type
Description
GND
1, 9, 13
P
Connect to Ground
CLK_EN
2
I_PU
Synchronized clock enable. When high, clock outputs follow clock input. When low, Qx
outputs are forced low, nQx outputs are forced high. LVCMOS/LVTTL level with 80kΩ pull up.
CLK_
SEL
3
I_PD
Clock select input. When high, selects CLK1 input. When low, selects CLK0 input. LVCMOS/
LVTTL level with 80kΩ pull down.
CLK
4
I_PD
Non-inverting differential clock input
nCLK
5
I_PU
Inverting differential clock input
PCLK
6
I_PD
Non-inverting differential clock input
nPCLK
7
I_PU
Inverting differential clock input
OE
8
I_PU
Output Enable, Controls outputs Q0, nQ0 through Q3, nQ3
VCC
10, 18
P
Connect to 3.3V.
Q3, nQ3
11, 12
O
Differential output pair, LVDS interface level.
Q2, nQ2
14, 15
O
Differential output pair, LVDS interface level.
Q1, nQ1
16, 17
O
Differential output pair, LVDS interface level.
Q0, nQ
19, 20
O
Differential output pair, LVDS interface level.
Notes:
1.
I = Input, O = Output, P = Power supply connection, I_PD = Input with pull down, I_PU = Input with pull up
Pin Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIN
Input Capacitance
6
pF
R_pullup
Input Pullup Resistance
80
R_pulldown
Input Pulldown Resistance
80
Control Input Function Table
Inputs
Outputs
OE
CLK_EN
CLK_SEL
Selected Source
Q0:Q3nQ0:nQ3
1
0
0
CLK, nCLK
Diasbled: Low
Diasbled: High
1
0
1
PCLK, nPCLK
Disabled: Low
Disabled: High
1
1
0
CLK, nCLK
Enabled
Enabled
1
1
1
PCLK, nPCLK
Enabled
Enabled
0
x
x
Hi-Z
Hi-Z
Notes:
1.
After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as show below.
08-0247



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com