Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMT560TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT560TC
Description  500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT560TC Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT560TC Datasheet HTML 1Page - Diodes Incorporated FMMT560TC Datasheet HTML 2Page - Diodes Incorporated FMMT560TC Datasheet HTML 3Page - Diodes Incorporated FMMT560TC Datasheet HTML 4Page - Diodes Incorporated FMMT560TC Datasheet HTML 5Page - Diodes Incorporated FMMT560TC Datasheet HTML 6Page - Diodes Incorporated FMMT560TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT560
Document Number: DS33102 Rev. 6 - 2
4 of 7
www.diodes.com
March 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT560
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-500
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-500
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-7
V
IE = -100µA
Collector Cutoff Current
ICBO
-100
nA
VCB = -500V
Emitter Cutoff Current
IEBO
-100
nA
VEB = -5V
Static Forward Current Transfer Ratio (Note 8)
hFE
100
80
15
300
300
IC = -1mA, VCE = -10V
IC = -50mA, VCE = -10V
IC = -100mA, VCE = -10V
Collector-Emitter Saturation Voltage (Note 8)
VCE(sat)
-200
-500
mV
IC = - 20mA, IB = -2mA
IC = - 50mA, IB = -10mA
Base-Emitter Saturation Voltage (Note 8)
VBE(sat)
-0.9
V
IC = -50mA, IB = -10mA
Base-Emitter Turn-On Voltage (Note 8)
VBE(on)
-0.9
V
IC = -50mA, VCE = -10V
Output Capacitance
Cobo
8
pF
VCB = -20V, f = 1MHz
Transition Frequency
fT
60
MHz
VCE = -20V, IC = -10mA,
f = 50MHz
Turn-On Time
ton
110
ns
VCE = -100V, IC = -50mA,
IB1 = -5mA, IB2 = 10mA
Turn-Off Time
toff
1.5
µs
Notes:
8. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com