Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3D3438 Datasheet(PDF) 6 Page - Data Delay Devices, Inc.

Part # 3D3438
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3438 Datasheet(HTML) 6 Page - Data Delay Devices, Inc.

  3D3438 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3438 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3438 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3438 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3438 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3438 Datasheet HTML 6Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3D3438
Doc #10005
DATA DELAY DEVICES, INC.
6
7/8/2010
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
 3oC
Rload:
10K
  10%
Supply Voltage (Vcc):
5.0V
 0.1V
Cload:
5pf
 10%
Input Pulse:
High = 3.0V
 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
 0.1V
Source Impedance:
50
 Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 2 x Max Delay
Period:
PERIN = 10 x Max Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT
TRIG
IN
REF
TRIG
Figure 6: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
OUT
IN
COMPUTER
SYSTEM
PRINTER
Figure 7: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6
0.6
1.5
1.5
2.4
2.4
1.5
1.5
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
10K
470
5pf
Device
Under
Test
Digital
Scope



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com