Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPL638 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CPL638
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CPL638 Datasheet(HTML) 2 Page - Continental Device India Limited

  CPL638 Datasheet HTML 1Page - Continental Device India Limited CPL638 Datasheet HTML 2Page - Continental Device India Limited CPL638 Datasheet HTML 3Page - Continental Device India Limited CPL638 Datasheet HTML 4Page - Continental Device India Limited CPL638 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635
CPL636
CNL637
CPL638
CNL639
CPL640
NPN
PNP
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
UNIT
DYNAMIC CHARACTERISTICS
* Pulse Test: Pulse Width < 300
µµs; Duty Cycle < 2%
CNL635_40 Rev_1 020505D
NPN
PNP
NPN
PNP
typ 7
fT
Cob
VBE=0.5V, IC=0, f=1MHz
VCE=2V, IC=150mA
CNL635, CPL636
40 - 250
40 - 160
40 - 160
>25
VALUE
>25
VCB=10V, IC=0, f=1MHz
NPN
PNP
typ 50
typ 110
VCE=2V, IC=500mA
pF
pF
MHz
typ 150
Cib
typ 9
typ 200
Input Capacitance
Output Capacitance
Transition Frequency
TEST CONDITION
DC Current Gain
*hFE
CNL637, CPL638
CNL639, CPL640
VCE=2V, IC=5mA
IC=50mA, VCE=2V,
f=100MHz
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com