Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPL640 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CPL640
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CPL640 Datasheet(HTML) 1 Page - Continental Device India Limited

  CPL640 Datasheet HTML 1Page - Continental Device India Limited CPL640 Datasheet HTML 2Page - Continental Device India Limited CPL640 Datasheet HTML 3Page - Continental Device India Limited CPL640 Datasheet HTML 4Page - Continental Device India Limited CPL640 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635
CPL636
CNL637
CPL638
CNL639
CPL640
NPN
PNP
TO-92
Plastic Package
Suitable for Driver Stage of Audio Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC Unless Otherwise Specified)
CNL635
CNL637
CNL639
CPL636
CPL638
CPL640
VCEO
45
60
80
V
VCBO
45
60
100
V
VEBO
V
IC
A
ICM
A
IB
mA
IBM
mA
PD
W
*PD
W
PD
W
*Transistors mounted on printed circuit board. Lead Length 4mm, mounting pad for collector lead min
10mm x 10 mm, copper
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
UNIT
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
V
Collector Cut-off Current
nA
µA
Base Emitter On Voltage
*VBE (on)
V
Collector Emitter Saturation Voltage
*VCE(sat)
V
CNL635_40 Rev_1 020505D
Collector Base Voltage
Emitter Base Voltage
Collector Current Continuous
Collector Current Peak
SYMBOL
UNIT
DESCRIPTION
Collector Emitter Voltage
<1
>5
<100
IC=500mA, IB=50mA
VCB=30V, IE = 0
VCE=2V, IC = 500mA
IE=10µA, IC=0
ºC
VALUE
TEST CONDITION
IC=1mA, IB=0
V
>45
>60
>100
Base Current Continuous
5
Tj, Tstg
1
1.5
100
200
0.8
Temperature Range
-55 to +150
1.0
2.0
Power Dissipation @ Ta=25ºC
Base Current Peak
Power Dissipation @ Ta=25ºC
Power Dissipation @ Tc=25ºC
Operating And Storage Junction
VCB=30V, IE = 0, Ta=125
oC
ICBO
CNL635, CPL636
CNL637, CPL638
CNL639, CPL640
CNL635, CPL636
CNL637, CPL638
CNL639, CPL640
IC=100µA, IE=0
>45
>60
>80
<0.5
<10
V
C B
E
Continental Device India Limited
Data Sheet
Page 1 of 5


Similar Part No. - CPL640

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CPL6BC KNIGHTSBRIDGE-CPL6BC Datasheet
187Kb / 1P
CPL6 Brushed Chrome Bezel
23/04/2024
CPL6CT KNIGHTSBRIDGE-CPL6CT Datasheet
272Kb / 2P
230V 6W CCT Adj Circular LED Panel
23/04/2024
CPL6MB KNIGHTSBRIDGE-CPL6MB Datasheet
156Kb / 1P
CPL6 Matt Black Bezel
23/04/2024
CPL6PC KNIGHTSBRIDGE-CPL6PC Datasheet
136Kb / 1P
CPL6 Polished Chrome Bezel
23/04/2024
More results

Similar Description - CPL640

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com