Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP712 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLP712
Description  State of the art protection for every application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP712 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLP712 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP712 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP712 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP712 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SYSTEM OVERVIEW
System overview:
TLP712 surge suppression strip includes 7 AC outlets, 12 foot AC cord, 1000 joule protection
level, diagnostic LED, lifetime warranty and connected equipment insurance.
Voltage compatibility:
120 VAC
Frequency compatibility:
50/60 Hz
OUTPUT
Output volt amp capacity (amps):
15
Output watt capacity (watts):
1800
Outlet quantity / type:
7 NEMA 5-15R output receptacles
Outlet orientation:
Single row
Transformer accomodation:
Supports 1 large transformer plug accessory without covering remaining outlets, accepts up
to 4 transformers total
INPUT
Input connection type:
NEMA 5-15P
Input cord length (ft.):
12
Input cord length (m):
3.7
Input cord gauge, type:
14 gauge, SJT
Recommended electrical service:
120V 15A
LEDS ALARMS & SWITCHES
Diagnostic LEDs:
Built-in LED confirms suppressor "protection present" (green) status
Switches:
Combination AC circuit breaker and 2 position red illuminated on/off power switch
AC SURGE / NOISE SUPPRESSION
Protection modes:
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
AC suppression joule rating:
1000 joules
Clamping voltage (RMS):
150V
AC suppression response time:
< 1 ns
UL1499 let through rating:
330V - UL Verified
EMI / RFI filtering:
Up to 20 dB
PHYSICAL
Shipping weight (lbs):
1.8
Shipping weight (kg):
0.8
Unit weight (lbs):
1
Unit weight (kg):
0.5
Unit Dimensions (HWD/in):
1.5 x 2.13 x 11.25
Unit Dimensions (HWD/cm):
3.8 x 5.4 x 28.6
Shipping Dimensions (HWD/in):
2.2 x 5.75 x 14.9
Shipping Dimensions (HWD/cm):
5.6 x 14.6 x 37.8
Material of construction:
Plastic
Integrated keyhole mounting tabs:
Keyhole mounting tabs enable wall mounting
Housing color:
Attractive gray color scheme
AC line cord color:
Gray
CERTIFICATIONS
UL1449 1998 Rev. (AC Suppression):
UL1449



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com