Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N1893 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N1893
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N1893 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N1893 Datasheet HTML 1Page - Continental Device India Limited 2N1893 Datasheet HTML 2Page - Continental Device India Limited 2N1893 Datasheet HTML 3Page - Continental Device India Limited 2N1893 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
2N 1893
TO-39
Metal Can Package
General Purpose Transistors.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
80
V
Collector Emitter Voltage
VCER
100
V
Collector Base Voltage
VCBO
120
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current Continuous
IC
0.5
A
Total DeviceDissipation @ Ta=25ºC
PD
0.8
W
Derate Above 25ºC
4.57
mW/ºC
Total Deivice Dissipation@ Tc=25ºC
PD
3.0
W
Derate Above 25ºC
17.2
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
219
ºC/W
Junction to Case
Rth(j-c)
58.3
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Breakdown Voltage
BVCER(sus)
IC=100mA,RBE =10Ω
100
V
Collector Emitter Sustaining Voltage
BVCEO(sus) *IC=10mA, IB=0
80
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA, IE=0
120
V
Emitter Base Breakdown Voltage
BVEBO
IE =100µA, IC=0
7.0
V
Collector Cutoff Current
ICBO
VCB=90V, IE=0
10
nA
VCB=90V, IE=0,TA=150ºC
15
µA
Emitter Cutoff Current
IEBO
VEB=5V,IC=0
10
nA
DC Current Gain
hFE*IC=1mA,VCE=10V
20
IC=10mA,VCE=10V
35
IC=10mA,VCE=10V
20
TC=-55ºC
IC=150mA,VCE=10V
40
120
Collector Emitter (Sat) Voltage
VCE(Sat)
IC=50mA,IB=5.0mA
1.2
V
IC=150mA,IB=15mA
5.0
V
Base Emitter (Sat) Voltage
VBE(Sat)
IC=50mA,IB=5.0mA
0.9
V
IC=150mA,IB=15mA
1.3
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N1893

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
logo
STMicroelectronics
2N1893 STMICROELECTRONICS-2N1893 Datasheet
67Kb / 5P
GENERAL PURPOSE HIGH-VOLTAGE TYPE
Oct-1988
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
Type 2N1893 Geometry 4500 Polarity NPN
logo
Boca Semiconductor Corp...
2N1893 BOCA-2N1893 Datasheet
113Kb / 1P
GENERAL PURPOSE TRANSISTOR NPN SILICON
More results

Similar Description - 2N1893

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com