Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA4SW410 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW410
Description  HMIC??Silicon SP4T PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW410 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4SW410 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW410 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW410 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW410 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW410 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW410 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW410 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
V6
MA4SW410
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
HMIC™ Silicon SP4T PIN Diode Switch
RoHS Compliant
Typical 2 – 18 GHz Bias Network
Operation of the MA4SW410 PIN Switch
The simultaneous application of a negative DC current to the low loss port and positive DC current to the isolated
ports as shown below in Fig.1 is required for proper operation of the switch. The backside area of the die is the
RF and DC ground return and the DC return is through the common Port J1. A constant current source should be
used to supply the DC control currents. The control voltages at these points will not exceed ±1.5 volts for supply
currents up to ±20mA. In the low loss state, the series diode must be forward biased and the shunt diode reverse
biased. On all isolated ports, the shunt diode is forward biased and the series diode is reverse biased. A typical
bias network design that will produce >30dB RF to DC isolation is shown below in Figure 1 .
The optimum insertion loss, P1dB, IP3, and switching speed are attained by using a voltage pull-up resistor in the
DC return path, J1. A minimum value of |-2V| is recommended using a standard, ± 5V TTL controlled
PIN driver
such as M/A-COM Tech’s MADR-009190-000100.
.
100 Ω
39 pF
22nH
22 pF
39 pF
J1
MA4SW410
22 nH
22 pF
J2
J3
J4
J5
Fig. 1
DC Bias (± 1.2V typ.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com