Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DCDM9SSB Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 28Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 29Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 30Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 31Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 32Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 33Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 34Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 35Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
5-34
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
Microedge Connectors
.050" (1.27mm) Density
PC Board Mount
Metal Shell
Current Rating:
3 Amps maximum
Withstanding Voltage:
600 VAC RMS @ sea level, 300 VAC @ 70,000 ft.
Contact Resistance:
8 milliohms maximum
Operating Temperature: -55°C to +135°C
Insertion/Withdrawal Force:
6 oz. (170.40 g[f]) maximum insertion force, per contact;
0.5 oz. (14.20 g[f]) minimum withdrawal force, per contact
Variety of available PC board mounting styles.
- “Coke Bottle” for edge mounting on double-sided PCBs
- Right-angle (90°) mounting for single- or double-sided daughter boards
- “Claw Foot” leads
- Gold-plated solid copper wire pigtails
Harnessing capabilities exist for both plug & socket.
Standard sizes are 128 and 184 positions.
Utilizes high-reliability Dura-Con twist pin contact system assuring electrical continuity under
extreme shock and vibration.
Aluminum shells and diallyl phthalate insulators make Dura-Con microedge connectors ideal
for airborne or space applications.
Microedge metal shell connectors meet the requirement of MIL-C-55302.
Insulator: UL94V-0 glass-filled polyester or diallyl phthalate per MIL-M-14 (green)
Contacts: Copper alloy
Contact Plating: .000050 in Gold
Shell: Aluminum alloy
Shell Plating: Electroless Nickel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com