Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE304 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ADE304
Description  Compliant with European standards 1a1b 10A/8A polarized power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADE304 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ADE304 Datasheet HTML 1Page - Panasonic Semiconductor ADE304 Datasheet HTML 2Page - Panasonic Semiconductor ADE304 Datasheet HTML 3Page - Panasonic Semiconductor ADE304 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DE (ADE)
ASCTB175E 201202-T
REFERENCE DATA
1.-(1) Maximum switching power (1 Form A)
1.-(2) Maximum switching power
(1 Form A 1 Form B, 2 Form A)
2.-(1) Life curve (1 Form A)
10
1
100
1000
10
1
100
0.1
Contact voltage, V
AC resistive load
DC resistive load
10
1
100
1000
10
1
100
0.1
Contact voltage, V
AC resistive load
DC resistive load
123456789
010
100
50
10
Contact current, A
250 V AC resistive load
30 V DC resistive load
2.-(2) Life curve (1 Form A 1 Form B)
2.-(3) Life curve (2 Form A)
3.-(1) Coil temperature rise (1 Form A)
Tested sample: ADE109
Quantity: n=6
Ambient temperature: 25
°C to 70°C 77°F to 158°F
1
0
23456789
10
100
50
10
Contact current, A
250 V AC resistive load
30 V DC resistive load
123456789
010
100
50
10
Contact current, A
250 V AC resistive load
30 V DC resistive load
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
10A
10A
25
°C
70
°C
77
°F
158
°F
Coil applied voltage, %V
3.-(2) Coil temperature rise (1 Form A 1 Form B)
Tested sample: ADE309
Quantity: n=6
Ambient temperature: 25
°C to 70°C 77°F to 158°F
3.-(3) Coil temperature rise (2 Form A)
Tested sample: ADE209
Quantity: n=6
Ambient temperature: 25
°C to 70°C 77°F to 158°F
4.-(1) Operate/release time (1 Form A)
Tested sample: ADE109
Quantity: n=5
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
8A
8A
25
°C
70
°C
77
°F
158
°F
Coil applied voltage, %V
0
10
20
30
40
50
80
70
90
100
110
120
130
0A
0A
8A
8A
25
°C
70
°C
77
°F
158
°F
Coil applied voltage, %V
9
8
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Max.
Min.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
4.-(2) Operate/release time (1 Form A 1 Form B)
Tested sample: ADE309, Quantity: n=5
4.-(3) Operate/release time (2 Form A)
Tested sample: ADE209, Quantity: n=5
5.-(1) Ambient temperature characteristics
(1 Form A)
Tested sample: ADE109, Ambient temperature:
–40
°C to 80°C –40°F to 176°F, Quantity: n=6
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Max.
Min.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
8
7
6
5
4
3
2
1
0
Min.
Min.
Max.
Min.
Max.
Max.
70
80
90
100
110
120
130
Operate time
Release time
(With diode)
Coil applied voltage, %V
Release time
x
x
x
–40
–20
20
–30
–20
–10
0
10
20
30
40
60
80
0
Ambient
temperature,
°C °F
Drop-out
voltage
Pick-up
voltage
–40
–4
68 104
140
176
32



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com