Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV19W Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BAV19W
Description  SURFACE MOUNT SWITCHING DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV19W Datasheet(HTML) 2 Page - Continental Device India Limited

  BAV19W Datasheet HTML 1Page - Continental Device India Limited BAV19W Datasheet HTML 2Page - Continental Device India Limited BAV19W Datasheet HTML 3Page - Continental Device India Limited BAV19W Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT SWITCHING DIODES
BAV19W, BAV20W, BAV21W
SOD-123
Formed SMD Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
Min
Typ
Max
UNIT
Total Capacitance
CT
VR=0V, f=1MHz
5
pF
Reverse Recovery Time
Trr
at IF= IR=30mA,
IRR=0.1XIR,
RL=100Ω
50
ns
BAV19W_BAV21W Rev040805E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com