Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

13005D Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 13005D
Description  NPN PLASTIC POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

13005D Datasheet(HTML) 1 Page - Continental Device India Limited

  13005D Datasheet HTML 1Page - Continental Device India Limited 13005D Datasheet HTML 2Page - Continental Device India Limited 13005D Datasheet HTML 3Page - Continental Device India Limited 13005D Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN PLASTIC POWER TRANSISTOR
CDL13005D
TO-220
Plastic Package
with Built in Diode
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Power Dissipation upto Ta=25ºC
PD
W
Power Dissipation upto Tc=25ºC
PD
W
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB=700V, IE=0
0.1
mA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
0.1
mA
DC Current Gain
*hFE
IC=1A, VCE=5V
10
50
Ratio Between hFE1 of Low Current and
hFE2 of High Current
hFE1/hFE2
hFE1 IC=5mA, VCE=5V
hFE2 IC=1A, VCE=5V
0.75
Collector Emitter Saturation Voltage
*VCE (sat)
IC=2A, IB=0.5A
0.6
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=2A, IB=0.5A
1.5
V
Transition Frequency
fT
VCE=10V, IC=500mA, f=1MHz
5
MHz
Diode forward Voltage
VFEC
IF=1A
1.5
V
IF=2A
1.6
V
Switching Time
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Fall Time
tf
IC=2A, IB1= -1B2=0.4A
0.8
µs
Storage Time
ts
VCC=120V
3.6
µs
*hFE Classification
A : 10 - 21
B : 20 - 31
Marking
CDL
CDL
Product is pre-selected in DC Current
13005D
13005D
Gain (Groups A to E). CDIL reserves the
A XX
B XX
right to ship any of the group(s) to
customers depending on production
availability.
XX=date code
*Pulse Test tp < 300µµs, Duty Cycle < 2%
CDL13005DRev 270410E
2
C : 30 - 41
E : 40 - 50
CDL
13005D
E XX
CDL
13005D
C XX
VALUE
700
- 55 to +150
75
4
9
400
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 13005D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
13005D JINGDAO-13005D Datasheet
122Kb / 3P
Bipolar Junction Transistor
logo
JILIN SINO-MICROELECTRO...
13005D JSMC-13005D Datasheet
630Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Shenzhen Jingdao Electr...
13005DL JINGDAO-13005DL Datasheet
121Kb / 3P
Bipolar Junction Transistor
More results

Similar Description - 13005D

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD909 CDIL-CD909 Datasheet
123Kb / 3P
NPN PLASTIC POWER TRANSISTOR
C44VH10 CDIL-C44VH10 Datasheet
209Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CJE13007 CDIL-CJE13007 Datasheet
85Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CSC1061 CDIL-CSC1061 Datasheet
79Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
MJE270 TEL-MJE270 Datasheet
57Kb / 2P
NPN PLASTIC POWER TRANSISTOR
SJE1349 TEL-SJE1349 Datasheet
78Kb / 2P
NPN PLASTIC POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
STH1061 SEMTECH_ELEC-STH1061 Datasheet
184Kb / 3P
NPN Plastic Power Transistor
logo
Rectron Semiconductor
CDL13005 RECTRON-CDL13005 Datasheet
425Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Continental Device Indi...
CSC2371 CDIL-CSC2371 Datasheet
432Kb / 3P
NPN PLASTIC POWER TRANSISTOR
2N6101 CDIL-2N6101 Datasheet
321Kb / 3P
NPN PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com