Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT411 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT411
Description  Patented Primary Side Regulation Technology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT411 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT411 Datasheet HTML 1Page - Active-Semi, Inc ACT411 Datasheet HTML 2Page - Active-Semi, Inc ACT411 Datasheet HTML 3Page - Active-Semi, Inc ACT411 Datasheet HTML 4Page - Active-Semi, Inc ACT411 Datasheet HTML 5Page - Active-Semi, Inc ACT411 Datasheet HTML 6Page - Active-Semi, Inc ACT411 Datasheet HTML 7Page - Active-Semi, Inc ACT411 Datasheet HTML 8Page - Active-Semi, Inc ACT411 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
ActivePSR
TM Quasi-Resonant PWM Controller
FEATURES
Patented Primary Side Regulation
Technology
Quasi-Resonant Operation
Adjustable up to 120kHz Switching
Frequency
+/-5% Output Voltage Regulation
Accurate OCP/OLP Protection
Integrated Output Cord Compensation
Integrated Line and Primary Inductance
Compensation
Built-in Soft-Start Circuit
Line Under-Voltage, Thermal, Output Over-
voltage, Output Short Protections
Current Sense Resistor Short Protection
Transformer Short Winding Protection
Less than 100mW Standby Power
Complies with Global Energy Efficiency and
CEC Average Efficiency Standards
Tiny SOT23-6 Packages
APPLICATIONS
AC/DC Adaptors/Chargers for ADSL, PDAs,
E-books
Adaptors for Portable Media Player, DSCs,
and Other
GENERAL DESCRIPTION
The ACT411 is a high performance peak current
mode PWM controller which applies ActivePSRTM
and ActiveQRTM technology. ACT411 achieves
accurate voltage regulation without the need of an
opto-coupler or reference device.
The ACT411 is designed to achieve less than
100mW Standby Power. By applying frequency fold
back and
ActiveQR
TM
technology,
ACT411
exceeds the latest ES2.0 efficiency standard.
ACT411 integrates comprehensive protection. In
case of over temperature, over voltage, short
winding, short current sense resistor, open loop
and overload conditions, it would enter auto restart
mode including cycle-by-cycle current limiting.
ACT411 is to achieve no overshoot and very short
rise time even with big capacitive load (4000µF)
with the built-in fast and soft start process, .
The Quasi-Resonant (QR) operation mode can
effectively improve efficiency, reduce the EMI noise
and further reduce the components in input filter.
ACT411 is idea for application up to 36 Watt.
Figure 1:
Simplified Application Circuit
ACT411
Rev 4, 27-Feb-14


Similar Part No. - ACT411

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT4115 ACT-ACT4115 Datasheet
217Kb / 2P
miniature surface mount, high density Watch Crystal
08/03/2007
ACT4115A ACT-ACT4115A Datasheet
281Kb / 3P
miniature surface mount high density Watch Crystal
11-2-2013
logo
Active-Semi, Inc
ACT411US-T ACTIVE-SEMI-ACT411US-T Datasheet
191Kb / 4P
ActivePSR Quasi-Resonant PWM Controller
06-Dec-12
ACT411US-T ACTIVE-SEMI-ACT411US-T Datasheet
383Kb / 15P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 4, 27-Feb-14
More results

Similar Description - ACT411

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
logo
Active-Semi, Inc
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
Richtek Technology Corp...
RT7310 RICHTEK-RT7310 Datasheet
557Kb / 12P
Phase-Cut Dimmable Primary-Side Regulation
logo
Unisonic Technologies
US1651 UTC-US1651 Datasheet
178Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
US1652 UTC-US1652 Datasheet
169Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
Richtek Technology Corp...
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
Primary-Side Regulation LED Driver Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Unisonic Technologies
USR1652 UTC-USR1652 Datasheet
167Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
List of Unclassifed Man...
OB2211 ETC2-OB2211 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com