Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT4065ASH-T Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT4065ASH-T
Description  High Input 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4065ASH-T Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT4065ASH-T Datasheet HTML 1Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 2Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 3Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 4Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 5Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 6Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 7Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 8Page - Active-Semi, Inc ACT4065ASH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ACT4065A
Rev 0, 23-Apr-12
®
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT4065ASH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTION
SOP-8
PIN NUMBER PIN NAME
PIN DESCRIPTION
1
BS
Bootstrap. This pin acts as the positive rail for the high-side switch’s gate driver. Con-
nect a 10nF between this pin and SW.
2
IN
Input Supply. Bypass this pin to G with a low ESR capacitor. See Input Capacitor in
Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the inductor.
4
G
Ground.
5
FB
Feedback Input. The voltage at this pin is regulated to 0.808V. Connect to the resistor
divider between output and ground to set output voltage.
6
COMP
Compensation Pin. See Compensation Techniques in Application Information section.
7
EN
Enable Input. When higher than 0.8V, this pin turns the IC on. When lower than 0.8V,
this pin turn the IC off. Output voltage is discharged when the IC is off. This pin has a
small internal pull-up current to a high level voltage when pin is not connected. Do not
allow EN pin to exceed 6V.
8
N/C
Not Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com