Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT6359 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT6359
Description  High-Efficiency, 40V Step-Up WLED Bias Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6359 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT6359 Datasheet HTML 1Page - Active-Semi, Inc ACT6359 Datasheet HTML 2Page - Active-Semi, Inc ACT6359 Datasheet HTML 3Page - Active-Semi, Inc ACT6359 Datasheet HTML 4Page - Active-Semi, Inc ACT6359 Datasheet HTML 5Page - Active-Semi, Inc ACT6359 Datasheet HTML 6Page - Active-Semi, Inc ACT6359 Datasheet HTML 7Page - Active-Semi, Inc ACT6359 Datasheet HTML 8Page - Active-Semi, Inc ACT6359 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
SIMPLIFIED APPLICATION CIRCUIT
ACT6359
High-Efficiency, 40V Step-Up WLED Bias Supplies
FEATURES
High-Efficiency DC/DC WLED Bias Supply
Internal 40V, 0.55Ω Power MOSFET
Up to 10 WLEDs per String
500mA Peak Current
Supports Analog and PWM LED Dimming
Integrated Over-Voltage Protection (OVP)
Thermal Shutdown
Cycle-by-Cycle Over Current Protection
Tiny SOT23-6 Package
APPLICATIONS
TFT LCD Displays
Smart Phones
Portable Media Players
GPS/Personal Navigation Devices
GENERAL DESCRIPTION
The ACT6359 step-up DC/DC converter drives
white LEDs with an externally programmable con-
stant current. This device features an integrated,
40V power MOSFET that is capable of driving up to
ten white LEDs in series, providing inherent current
matching for uniform brightness. WLED brightness
adjustment is easily achieved via simple external
circuitry, which accepts either a PWM or an analog
dimming control signal.
The ACT6359 features a variety of protection cir-
cuits, including integrated over voltage protection
(OVP), cycle-by-cycle current limiting, and thermal
shutdown protection circuitry.
The ACT6359 has a 500mA current limit, and is
available in a small 6-pin SOT23-6 package.
Rev 2, 22-Aug-13
ACT6359
IN
SW
OV
FB
G
VOUT
VIN
EN
Up to
10 WLEDs
ON
OFF
L1
CIN
ROV1
ROV2
RFB
COUT
D1


Similar Part No. - ACT6359

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6359 ACTIVE-SEMI-ACT6359 Datasheet
417Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 20-Nov-07
ACT6359 ACTIVE-SEMI-ACT6359 Datasheet
236Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
ACT6359 ACTIVE-SEMI-ACT6359 Datasheet
209Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6359US-T ACTIVE-SEMI-ACT6359US-T Datasheet
417Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 20-Nov-07
ACT6359US-T ACTIVE-SEMI-ACT6359US-T Datasheet
236Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
More results

Similar Description - ACT6359

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6357 ACTIVE-SEMI-ACT6357 Datasheet
1Mb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrB, 30-Aug-07
ACT6359 ACTIVE-SEMI-ACT6359 Datasheet
417Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 20-Nov-07
ACT6360 ACTIVE-SEMI-ACT6360 Datasheet
254Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev PrA, 25-Dec-07
ACT6357 ACTIVE-SEMI-ACT6357_08 Datasheet
405Kb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 03-Feb-08
ACT6359 ACTIVE-SEMI-ACT6359_08 Datasheet
236Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
ACT6360 ACTIVE-SEMI-ACT6360_08 Datasheet
262Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 23-May-08
ACT6359 ACTIVE-SEMI-ACT6359_11 Datasheet
209Kb / 8P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6360 ACTIVE-SEMI-ACT6360_11 Datasheet
233Kb / 9P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6357 ACTIVE-SEMI-ACT6357_12 Datasheet
410Kb / 10P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
ACT6357 ACTIVE-SEMI-ACT6357_14 Datasheet
410Kb / 11P
High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com