Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGW50H60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW50H60DF
Description  50 A, 600 V field stop trench gate IGBT with Ultrafast diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50H60DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGW50H60DF Datasheet HTML 1Page - STMicroelectronics STGW50H60DF Datasheet HTML 2Page - STMicroelectronics STGW50H60DF Datasheet HTML 3Page - STMicroelectronics STGW50H60DF Datasheet HTML 4Page - STMicroelectronics STGW50H60DF Datasheet HTML 5Page - STMicroelectronics STGW50H60DF Datasheet HTML 6Page - STMicroelectronics STGW50H60DF Datasheet HTML 7Page - STMicroelectronics STGW50H60DF Datasheet HTML 8Page - STMicroelectronics STGW50H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STGW50H60DF
Electrical characteristics
Doc ID 018673 Rev 5
5/12
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics (TJ = -40 °C) Figure 3.
Output characteristics (TJ = 25 °C)
Figure 4.
Output characteristics (TJ = 150 °C) Figure 5.
Transfer characteristics
Figure 6.
VCE(SAT) vs. junction temperature
Figure 7.
VCE(SAT) vs. collector current
0
20
40
60
80
100
120
140
160
180
200
01234
IC (A)
VCE (V)
9V
11V
13V
VGE = 20V
VGE = 15V
AM11829v1
AM11830v1
0
20
40
60
80
100
120
140
160
180
01234(V)
IC (A)
VCE
9V
11V
13V
VGE = 15V
VGE = 20V
AM11831v1
0
20
40
60
80
100
120
140
160
180
01234
(V)
IC (A)
VCE
9 V
11 V
13 V
VGE =15 V
VGE = 20 V
AM11832v1
0
20
40
60
80
100
120
140
160
180
6
7
8
9
10
11
12
IC (A)
VGE (V)
TJ = -40°C
TJ = 25°C
TJ = 150°C
VCE = 10V
AM11833v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
VCE (V)
TJ (ºC)
IC = 100A
IC = 50A
IC = 25A
VGE = 15V
AM11834v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
20
30
40
50
60
70
80
90
VCE (V)
IC (A)
TJ = -40°C
TJ = 25°C
TJ = 150°C
VGE =15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com