Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAT54H Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # BAT54H
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAT54H Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  BAT54H Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAT54H Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
o
MAXIMUM RATING (TA=25 C unless otherwise noted)
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R
www.paceleader.tw
BAT54H
Characteristic
Reverse Voltage
Average Rectier Forward Current
Peak Repetitive Forward Current
Rated VR, Square Wave, 20KHz
Operating Junction Temperature Range
Storage Temperature Range
Symbol
VR
IO
IFSM
TJ
Tstg
Values
Unit
30
200
400
-55 to +125
-55 to +150
V
mA
mA
°C
Thermal Resistance, Junction to Ambient
RθJA
200
mW
Power Dissipation
PD
635
°C/W
°C
Characteristic
Symbol
Reverse Breakdown Voltage (IR=10µA)
Forward Voltage
IF=0.1mA
IF=1.0mA
IF=10mA
IF=30mA
IF=100mA
Total Capacitance
(VR=1.0V, f=1.0MHz)
Reverse Leakage
VR=25V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=1.0mA
V(BR)R
VF
CT
IR
Trr
Min
Typ
Max
Unit
30
0.22
0.29
0.35
0.41
0.52
0.24
0.32
0.40
0.50
1.00
7.6
0.5
10
2.0
5.0
Volts
Volts
PF
µAdc
nS
Item
Marking
Eqivalent Circuit diagram
2
1
BAT54H
JV
DEVICE MARKING


Similar Part No. - BAT54H

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BAT54H DAESAN-BAT54H Datasheet
262Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
BAT54H WEITRON-BAT54H Datasheet
588Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
logo
SeCoS Halbleitertechnol...
BAT54H SECOS-BAT54H Datasheet
542Kb / 2P
Surface Mount Schottky Barrier Diode
BAT54H SECOS-BAT54H Datasheet
224Kb / 2P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT54H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com