Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPX150FS Datasheet(PDF) 3 Page - StarHope

Part # SPX150FS
Description  ADSL MODEM?갌AX?갩ELEPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPX150FS Datasheet(HTML) 3 Page - StarHope

  SPX150FS Datasheet HTML 1Page - StarHope SPX150FS Datasheet HTML 2Page - StarHope SPX150FS Datasheet HTML 3Page - StarHope SPX150FS Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
项目 Test Item
直流放电电压
DC-Spark-Over
Voltage Vs
绝缘电阻
Insulation
Resistance
静态电容
Capacitance C(pF)
实验项目 Test Item
使用频率1MHz与并两端加载小于或等于6V直流电压
的电源。即可量出其静态电容量Measure the
Electrostatic Capacitance under the test condition
of 1MHz,DC 6V(max).
小于或等于1pF (1pF max.)
环境试验测试/Enviromental Characteristics
试验方法 Test Method
结果Specification
放置于-40℃±3℃的环境中1000小时后,取出置于
基本参数特性测试/Initial Characteristics
测试条件 Test Method
结果Specification
使用一直流电源,并逐渐地增加测量电压,测试电
流为1ma,测试时间最大为一秒
(1sec).(1mA)(Add and measure the DC
Voltage gradually Maxto get the discharge
threshold voltage. The measuring current is
1mA/1 second max.)
依规格书值而定  Vs±20%
(It depands oneach spec.)
在规定的设定直流电压
(1)下,跨在两端引线。即
可测量其绝缘电阻值。(Measure the insulation
resistance of two end of leadwire under the
specified DC voltage.)
大于等于1G
Ω(1GΩ min.)
耐寒性
耐热性
耐温性
温度周期
放置于125℃±2℃的环境中1000小时后,取出置于
常温中4小时后,检测直流开始放电电压,绝缘阻
抗,静态电容量及检查外。After 125±2℃
(1000hrs) / room temp.,normal humidity(4 hrs)
cycle, measure the properties.
满足各个特性相关参数值
Within standard mentioned in
Initial Characteristics.
放置于85℃±2℃ RH85%的环境中1000小时后,取
出置于常温中4小时后,检测直流开始放电电压,
绝缘阻抗,静态电容量及检查外。After 85℃±2℃
RH85%(1000hrs) / room temp.,normal humidity(4
hrs) cycle, measure the properties.
满足各个特性相关参数值
Within standard mentioned in
Initial Characteristics.
-40℃±3℃(30分)~(常温3分)~125℃±2℃(30分)
为1周期,重复25次后,取出置于常温/常温中4小
时后,检测直流放电电压,绝缘阻抗,静态电容量
及检查外观25 times repetition of cycle -40±3℃
(30 Min.),roon temp., (4 Min.), 125±2℃(30
Min.),room temp., normal humidity(4hrs) .
满足各个特性相关参数值
Within standard mentioned in
Initial Characteristics.
放置于-40℃±3℃的环境中1000小时后,取出置于
常温中4小时后,检测直流开始放电电压,绝缘阻
抗,静态电容量及检查外。After -40±3℃
(1000hrs) / room temp.,normal humidity(4 hrs)
cycle, measure the properties.
满足各个特性相关参数值
Within standard mentioned in
Initial Characteristics.
GDT/SPA Series
03 | www.spsemi.cn
REV.2014.05.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com