Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FOX331AR Datasheet(PDF) 2 Page - Fox Electronics

Part # FOX331AR
Description  3.3V SMD Stratum III HCMOS TCXO/VCTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX331AR Datasheet(HTML) 2 Page - Fox Electronics

  FOX331AR Datasheet HTML 1Page - Fox Electronics FOX331AR Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989
© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
Rev. 11/8/2013
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FOX331 Series
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FOX331
A
1.5
B
4.0
C
8.0
D
7.5
E
16.0
F
2.16
STD Reel QTY
3,000
• REEL SPECIFICATIONS (millimeters)
G
1.5
H
13.5
I
20.2
J
100.0
K
330
L
16.4
M
2.0
MODEL
FOX331



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com