Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L78L12CD13TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L78L12CD13TR
Description  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L12CD13TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L78L12CD13TR Datasheet HTML 17Page - STMicroelectronics L78L12CD13TR Datasheet HTML 18Page - STMicroelectronics L78L12CD13TR Datasheet HTML 19Page - STMicroelectronics L78L12CD13TR Datasheet HTML 20Page - STMicroelectronics L78L12CD13TR Datasheet HTML 21Page - STMicroelectronics L78L12CD13TR Datasheet HTML 22Page - STMicroelectronics L78L12CD13TR Datasheet HTML 23Page - STMicroelectronics L78L12CD13TR Datasheet HTML 24Page - STMicroelectronics L78L12CD13TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DocID2145 Rev 22
21/47
L78L
Electrical characteristics
47
Refer to the test circuits, TJ = 0 to 125 °C (AC) TJ = -40 to 125 °C (AB), VI =19 V,
IO = 40 mA, CI = 0.33 μF, CO = 0.1 μF unless otherwise specified.
Table 18. Electrical characteristics of L78L12AB and L78L12AC
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
11.5
12
12.5
V
VO
Output voltage
IO = 1 to 40 mA, VI = 14.5 to 27 V
11.4
12.6
V
IO = 1 to 70 mA, VI = 19 V
11.4
12.6
DVO
Line regulation
VI = 14.5 to 27 V, TJ = 25 °C
250
mV
VI = 16 to 27 V, TJ = 25 °C
200
DVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
100
mV
IO = 1 to 40 mA, TJ = 25 °C
50
Id
Quiescent current
TJ = 25 °C
6.5
mA
TJ = 125 °C
6
mA
DId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = 16 to 27 V
1.5
eN
Output noise voltage
B = 10 Hz to 100 kHz, TJ = 25 °C
80
µV
SVR
Supply voltage rejection
VI = 15 to 25 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
37
42
dB
Vd
Dropout voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com