Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDBV0140-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBV0140-G
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV0140-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBV0140-G Datasheet HTML 1Page - Comchip Technology CDBV0140-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTIC CURVES (CDBV0140-G)
Page 2
QW-BA014
REV:A
Fig.2 Reverse Characteristics
0.1μ
V , Reverse Voltage (V)
R
0
Fig.1 Forward Characteristics
V , Forward Voltage (V)
F
0
0 . 1
0 .2
0.3
0. 4
0.5
Fig.3 Capacitance Between
Terminals Characteristics
1
V , Reverse Voltage (V)
R
10
1 00
0.6
40
0
5
1 0
1 5
20
1
10
100
1 000
20
2 5
30
35
Fig.4 Forward Derating Curve
0
T , Ambient Temperature ( C)
A
O
0
2 4
5 0
7 5
10 0
125
20
40
60
80
100
1 0
30
1μ
10μ
100 μ
1m
10m
1 50
125 C
O
75 C
O
25 C
O
SMD Schottky Barrier Diode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com