Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MUR805 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # MUR805
Description  Power Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

MUR805 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  MUR805 Datasheet HTML 1Page - EM Microelectronic - MARIN SA MUR805 Datasheet HTML 2Page - EM Microelectronic - MARIN SA MUR805 Datasheet HTML 3Page - EM Microelectronic - MARIN SA MUR805 Datasheet HTML 4Page - EM Microelectronic - MARIN SA MUR805 Datasheet HTML 5Page - EM Microelectronic - MARIN SA MUR805 Datasheet HTML 6Page - EM Microelectronic - MARIN SA MUR805 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©
1
MUR820/D
MUR805, MUR810, MUR815,
MUR820, MUR840, MUR860
Power Rectifiers
This series is designed for use in switching power supplies,
inverters and as free wheeling diodes, these state−of−the−art devices
have the following features:
Features
Ultrafast 25, 50 and 75 Nanosecond Recovery Time
175°C Operating Junction Temperature
Popular TO−220 Package
Epoxy Meets UL 94 V−0 @ 0.125 in
Low Forward Voltage
Low Leakage Current
High Temperature Glass Passivated Junction
Reverse Voltage to 600 Volts
Pb−Free Packages are Available*
Mechanical Characteristics
Case: Epoxy, Molded
Weight: 1.9 grams (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Shipped 50 units per plastic tube
CASE 221B
TO−220AC
PLASTIC
3
4
1
ULTRAFAST RECTIFIERS
8.0 AMPERES
50−600 VOLTS
1
3
4
http://kersemi.com
MARKING DIAGRAM
U8xx
A
= Assembly Locarion
Y
= Year
WW
= Work Week
U8
= Device Code
xx
= 10, 15, 20, 40 or 60
KA
= Location Code
AYWW
KA


Similar Part No. - MUR805

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR805 MCC-MUR805 Datasheet
102Kb / 2P
8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
logo
ON Semiconductor
MUR805 ONSEMI-MUR805 Datasheet
106Kb / 8P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 5
MUR805 ONSEMI-MUR805 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Galaxy Semi-Conductor H...
MUR805 BILIN-MUR805 Datasheet
192Kb / 2P
ULTRA FAST RECTIFIER
logo
Shanghai Lunsure Electr...
MUR805 CHENYI-MUR805 Datasheet
68Kb / 2P
8Amp super fast glass passivated rectifier 50to400 volts
More results

Similar Description - MUR805

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR120 ONSEMI-MUR120_06 Datasheet
68Kb / 7P
SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
logo
Semikron International
SKB30 SEMIKRON-SKB30_07 Datasheet
469Kb / 3P
Power Bridge Rectifiers
SKB15 SEMIKRON-SKB15_07 Datasheet
408Kb / 3P
Power Bridge Rectifiers
SKD82 SEMIKRON-SKD82 Datasheet
408Kb / 3P
Power Bridge Rectifiers
logo
Yea Shin Technology Co....
MUR405 YEASHIN-MUR405 Datasheet
84Kb / 3P
Power Rectifiers
logo
Kersemi Electronic Co.,...
MUR420RLG KERSEMI-MUR420RLG Datasheet
426Kb / 7P
Power Rectifiers
MUR805 KERSEMI-MUR805 Datasheet
468Kb / 7P
Power Rectifiers
logo
EM Microelectronic - MA...
MUR420RLG EMMICRO-MUR420RLG Datasheet
426Kb / 7P
Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR1610CT NJSEMI-MUR1610CT Datasheet
80Kb / 2P
Power Rectifiers
logo
Kersemi Electronic Co.,...
MUR860G KERSEMI-MUR860G Datasheet
478Kb / 7P
Power Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com