Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6920D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6920D
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6920D Datasheet HTML 4Page - STMicroelectronics L6920D Datasheet HTML 5Page - STMicroelectronics L6920D Datasheet HTML 6Page - STMicroelectronics L6920D Datasheet HTML 7Page - STMicroelectronics L6920D Datasheet HTML 8Page - STMicroelectronics L6920D Datasheet HTML 9Page - STMicroelectronics L6920D Datasheet HTML 10Page - STMicroelectronics L6920D Datasheet HTML 11Page - STMicroelectronics L6920D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
L6920
8/13
Figure 12. Demoboard Circuit
Table 6.
R4, R5 should be selected in the range of 100k
Ω - 10MΩ to minimize consumption and error due to current sunk
by FB pin (few nA).
5.2 Output capacitor selection
The output capacitor affects both efficiency and output ripple so its choice has to be considered with particular
care.
The capacitance value should be in the range of about 10
µF-100µF.
An additional, smaller, low ESR capacitor can be in parallel for high frequency filtering. A typical value can be
around 1
µF.
If very high performances, in terms of efficiency and output voltage ripple, are required, a very low ESR capac-
itor has to be chosen.
Ceramic capacitors are the lowest ESR but they are very expensive.
Other possibilities are low-ESR tantalum capacitors, available from KEMET, AVX and other sources. POSCAP
capacitors from SANYO and polymeric capacitors from PANASONIC are also good.
Below there is a list of some capacitors suppliers. The cap values and rated voltages are only a suggested pos-
sibility
Jumper
Position
Function
J1
1-2
Device enabled
2-3
Device disabled
J2
None
Adjustable using R4 and R5 [not mounted]
1-2
3.3V output voltage
2-3
5V output voltage
L1 10
µH
+VBATT
+VBATT
VBATT
F.B.
VOUT
7
1
8
GND
Panasonic
ELL6RH100M
Panasonic
EEFCDJ470R
Panasonic
EEFCDJ470R
C2
47
µF
C3
N.C.
C1
47
µF
C4
100nF
R1
N.C.
R3
N.C.
R2
N.C.
not mounted components
R4 N.C.
R5 N.C.
VOUT
GND
1
2
3
3
2
J2
J1
1
LBO
3
SHDN
5
VREF
GND
4
6
LBI
2
LBO
SHDN
L6920
D01IN1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com