Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP4008B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # OP4008B
Description  669.327 MHz Optical Timing Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4008B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  OP4008B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4008B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OP4008B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OP4008B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OP4008B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OP4008B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 6
©2008-2010 by RF Monolithics, Inc.
OP4008B - 2/8/10
Load Recommendations for the OP4008B
The Q and Q outputs of RFM's OPB-series of SAW clocks are AC-
coupled internally. This allows customers to set the DC level of the
outputs with a simple resistor pair on each output to drive most any
application.
VDC = VLOAD*R1/(R1 + R2)
and
50 = R1*R2/(R1 + R2)
The values of the resistors R2 and R1 are given directly as:
R2 = 50*VLOAD/VDC
R1 = 1/(0.02 - (1/R2))
R1
V
R1
R2
R2
3.3V
V
Load
V
OP4005B
DC
LOAD
VDC
TUNE
Load Type
Vdc
R1
R2
Vload
10K 3.3 V PECL
1.95
120
91
3.3 V
100K 3.3 V PECL
1.88
120
91
3.3 V
10K 5 V PECL
3.65
180
68
5.0 V
100k 5 V PECL
3.58
180
68
5.0 V
10K -5 V NECL
-1.30
240
62
-5.0 V
100K -5 V NECL
-1.42
240
62
-5.0 V
Note that the OPB parts will drive negative ECL loads by applying negative voltage to the Vload points in the circuit.
Vdc is the DC level desired on the outputs.
Vload is the DC supply on the load resistors (typically 3.3 V).
The equations describe the voltage divider created by R1 & R2 and the equilivent load impedence set by the parrellel combination of R1 & R2.
A given load type will have specifications that set Vdc. Choose an available Vload that is 2x to 3x larger than the desired Vdc. This will allow R1 to be
expressed in terms of R2.
The following table has some typical values for Vdc & Vload for various ECL loads along with R1 & R2 values that are standard.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com