Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP4017B1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # OP4017B1
Description  777.60 MHz Optical Timing Clock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4017B1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  OP4017B1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4017B1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
OP4017B - 3/27/08
SMC-8
8-Terminal Surface Mount Case
Dimension
mm
Inches
MIN
MAX
MIN
MAX
A
13.46
13.97
0.530
0.550
B
9.14
9.66
0.360
0.380
C
1.93 Nominal
0.076 Nominal
D
3.56 Nominal
0.141 Nominal
E
2.24 Nominal
0.088 Nominal
F
1.27 Nominal
0.050 Nominal
G
2.54 Nominal
0.100 Nominal
H
3.05 Nominal
0.120 Nominal
J
1.93 Nominal
0.076 Nominal
K
5.54 Nominal
0.218 Nominal
L
4.32 Nominal
0.170 Nominal
M
4.83 Nominal
0.190 Nominal
N
0.50 Nominal
0.020 Nominal
ELECTRICAL CONNECTIONS
Terminal
Number
Connection
1VCC
2
Ground
3
Enable/Disable
4
Q Output
5
Q Output
6
Ground
7
8
Tuning Input
LID
Ground
Typically 0.01" to 0.05" or 0.25 mm to
1.25 mm (8 Places)
(The optimum value of this dimension is
dependent on the PCB assembly process
employed.)
Typical Printed Circuit Board Land Pattern
A typical land pattern for a circuit board is shown on the right.
Grounding of the metallic center pad is optional.
1
2
3
4
8
7
6
5
TOP VIEW
A
B
N
J
L
(X2)
D
(X8)
K
(X8)
C
H
G
M
(X3)
E
F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com