Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OP4018B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # OP4018B
Description  718.864 MHz Optical Timing Clock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OP4018B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  OP4018B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OP4018B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4018B-120806
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
Absolute Frequency
fO
1, 9
718.863785
MHz
Tune Range
2
±50
ppm
Tune Voltage
1
1.8
2.6
3
VDC
Tuning Linearity
1, 8
±5
3
5
%
Modulation Bandwidth
100
kHz
Tune DC resistance
100
K
Deviation Slope
150
250
350
ppm/volt
Q and Q Output
Voltage into 50
Ω (VSWR≤1.2)
VO
1,3
0.6
1.1
VP-P
Operating Load VSWR
1,3
2:1
Symmetry
3, 4, 5
49
51
%
Harmonic Spurious
3, 4, 6
-15
dBc
Nonharmonic Spurious
3, 4, 6, 7
-65
dBc
Phase Noise
dBc/Hz@100Hz offset
-70
-65
dBc/Hz
1kHz offset
-100
-95
dBc/Hz
10k offset
-125
-120
dBc/Hz
100k offset
-140
-135
dBc/Hz
Noise Floor
-150
dBc/Hz
Jitter
RMS Jitter (10kHz to 80MHz)
3, 4, 6, 7
0.5
PSP-P
200 mVP-P from 1MHz to ½ fO on VCC
3
-50
dBc
Output DC Resistance (between Q & Q)
1, 3
50
K
DC Power Supply
Operating Voltage
VCC
1, 3
3.135
3.300
3.465
VDC
Operating Current
ICC
1, 3
70
mA
Operating Ambient Temperature
TC
1, 3
-40°C
+85°C
°C
Lid Symbolization (YY=Year, WW=Week)
RFM OP4018B YYWW
SMC-08
Complies with Directive 2002/95/EC (RoHS)
Fundamental-Mode Oscillation at 718.864 MHz
Quartz SAW Stabilized and Filtered “Diff Sine” Technology
Voltage Tunable for Phase Lock Loop Operations
Optical Timing Reference for Forward Error Correction Applications
The output of this device is generated and filtered by narrowband quartz SAW elements at 718.864 MHz. The
configuration of this clock is intended to provide a pure signal for optical timing applications in noisy signal
environments. The Q/Qbar differential output swing of ±1 volt about 0 vdc has symmetry better than ±1% into
loads from 40 ohms to 70 ohms; determined by customer application. The long term frequency accuracy is
set by an external reference source allowing this device to complete a Phase Lock Loop design without the
usual noise and jitter problems associated with PLL’s.
Absolute Maximum Ratings
Rating
Value
Units
DC Suppy Voltage
0 to 5.5
VDC
Tune Voltage
0 to 6
VDC
Case Temperature
-55 to 100
°C
718.864 MHz
Optical
Timing Clock
OP4018B
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. COCOM CAUTION: Approval by
the U.S. Department of Commerce is required prior to export of this device.
Notes:
1.
Unless otherwise noted, all specifications include any combination of load VSWR, VCC, and TC. In addition, Q and Q are termi-
nated into 50
Ω loads to ground. (See: Typical Test Circuit.)
2.
Customer useful tune range in excess of what part requires over temp, aging, pushing, pulling & accuracy.
3.
The design, manufacturing process, and specifications of this device are subject to change without notice.
4.
Only under the nominal conditions of 50
Ω load impedance with VSWR ≤ 1.2 and nominal power supply voltage.
5.
Symmetry is defined as the pulse width (in percent of total period) measured at the 50% points of Q or Q. (See: Timing Definitions.)
6.
Jitter and other spurious outputs induced by externally generated electrical noise on VCC or mechanical vibration are not included in
this specification, except where noted. External voltage regulation and careful PCB layout are recommended for optimum perfor-
mance.
7.
Applies to period jitter of Q and Q. Measurements are made with the Tektronix CSA803 signal analyzer with at least 1000 samples.
8.
Linearity is a function of the percentage variation from a permitted linear deviation versus the amount of frequency tune range. See
Linearity Definition.
9.
One or more of the following United States patents apply: 4,616,197; 4,670,681; 4,760,352.
BLOCK DIAGRAM
Q
VCC
Buffer Amplifier
SAW Oscillator
_
Vtune
Q
Pb


Similar Part No. - OP4018B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
718.864 MHz Optical Timing Clock
More results

Similar Description - OP4018B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
666.51 MHz Optical Timing Clock
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
780.881 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
663.552 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
719.734 MHz Optical Timing Clock
OP4012B MURATA-OP4012B Datasheet
1Mb / 7P
644.53125 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
693.48342 MHz Optical Timing Clock
OP4017B MURATA-OP4017B Datasheet
71Kb / 2P
777.60 MHz Optical Timing Clock
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
718.864 MHz Optical Timing Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com