Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC3015B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SC3015B
Description  550.0 MHz Differential Sine-Wave Clock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SC3015B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SC3015B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SC3015B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
SC3015B - 3/27/08
Electrical Characteristics
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
NOTES:
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Output Frequency
Absolute Frequency
fO
1, 2
549.89
550.0
550.11
MHz
Tolerance from 400.000 MHz
ΔfO
±200
ppm
Q and Q Output
Voltage into 50
Ω (VSWR ≤ 1.2)
VO
1, 3
0.60
1.1
VP-P
Operating Load VSWR
2:1
Symmetry
3, 4, 5
49
51
%
Harmonic Spurious
3, 4, 6
-30
dBc
Nonharmonic Spurious
-60
dBc
Q and Q Period Jitter
No Noise on VCC
3, 4, 6, 7
15
30
psP-P
200 mVP-P from 1 MHz to ½ fO on
3, 4, 7, 8
35
psP-P
Output (Disabled)
Amplitude into 50
Ω
3, 9
75
mVP-P
Output DC Resistance (between Q & Q)
3
50
K
Ω
ENABLE (Terminal 14)
Input HIGH Voltage
VIH
3, 9
VCC-0.1
VCC
VCC+0.1
V
Input LOW Voltage
VIL
0.0
0.20
V
Input HIGH Current
IIH
35
mA
Input LOW Current
IIL
-1
mA
Propagation Delay
tPD
1
ms
DC Power Supply
Operating Voltage
VCC
1, 3
+3.13
+3.30
+3.47
VDC
Operating Current
ICC
20
40
mA
Operating Ambient Temperature
TA
1, 3
0
+70
°C
Lid Symbolization (YY = Year, WW = Week)
RFM SC3015B 550.00 MHz YYWW
• Quartz SAW Frequency Stability
• Fundamental Fixed Frequency
• Very Low Jitter and Power Consumption
• Rugged, Miniature, Surface-Mount Case
• Low-Voltage Power Supply (3.3 VDC)
This digital clock is designed for use with high-speed CPUs and digitizers. Fundamental-mode oscillation is
made possible by surface-acoustic-wave (SAW) technology. The design results in low jitter, compact size,
and low power consumption. Differential outputs provide a sine wave that is capable of driving 50
Ω loads.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply Voltage (VCC at Terminal 1)
0 to +4.0
VDC
Input Voltage (ENABLE at Terminal 8)
0 to +4.0
VDC
Case Temperature (Powered or Storage)
-40 to +85
°C
550.0 MHz
Differential
Sine-Wave
Clock
SC3015B
SMC-8B Case
1.
Unless otherwise noted, all specifications include any combination of load
VSWR, VCC, and TA. In addition, Q and Q are terminated into 50
Ω loads to
ground. (See: Typical Test Circuit.)
2.
One or more of the following United States patents apply: 4,616,197; 4,670,681;
4,760,352.
3.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
4.
Only under the nominal conditions of 50
Ω load impedance with VSWR ≤ 1.2 and
nominal power supply voltage.
5.
Symmetry is defined as the pulse width (in percent of total period) measured at
the 50% points of Q or Q. (See: Timing Definitions.)
6.
Jitter and other spurious outputs induced by externally generated electrical noise
on VCC or mechanical vibration are not included. Dedicated external voltage
regulation and careful PCB layout are recommended for optimum performance.
7.
Applies to period jitter of Q and Q. Measurements are made with the Tektronix
CSA803 signal analyzer with at least 1000 samples.
8.
Period jitter measured with a 200 mVP-P sine wave swept from 1 MHz to one-half
of fO at the VCC power supply terminal.
9.
The outputs are enabled when Terminal 8 is at logic HIGH. Propagation delay is
defined as the time from the 50% point on the rising edge of ENABLE to the 90%
point on the rising edge of the output amplitude or as the fall time from the 50%
point to the 10% point. (SEE: Timing Definitions.)


Similar Part No. - SC3015B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3015B RFM-SC3015B Datasheet
73Kb / 2P
550.0 MHz Differential Sine-Wave Clock
More results

Similar Description - SC3015B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3011B-1 RFM-SC3011B-1 Datasheet
72Kb / 2P
600.0 MHz Differential Sine-Wave Clock
SC3015B RFM-SC3015B Datasheet
73Kb / 2P
550.0 MHz Differential Sine-Wave Clock
SC3048B RFM-SC3048B Datasheet
131Kb / 2P
444.0 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3017B MURATA-SC3017B Datasheet
78Kb / 2P
400.0 MHz Differential Sine-Wave Clock
SC3019B MURATA-SC3019B Datasheet
78Kb / 2P
500.0 MHz Differential Sine-Wave Clock
SC3035B-1 MURATA-SC3035B-1 Datasheet
138Kb / 2P
800.0 MHz Differential Sine-Wave Clock
SC3041B MURATA-SC3041B Datasheet
79Kb / 2P
300.0 MHz Differential Sine-Wave Clock
SC3045B MURATA-SC3045B Datasheet
78Kb / 2P
621.60 MHz Differential Sine-Wave Clock
SC3048B MURATA-SC3048B Datasheet
103Kb / 2P
444.0 MHz Differential Sine-Wave Clock
SC3053B MURATA-SC3053B Datasheet
102Kb / 2P
750.0 MHz Differential Sine-Wave Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com