Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LDS-A816RI Datasheet(PDF) 1 Page - LUMEX INC.

Part # LDS-A816RI
Description  0.8 SINGLE DIGIT, SEVEN SEGMENT DISPLAY, 660NM RED, GREY FONT WHITE SEGMENTS, COMMON ANODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LDS-A816RI Datasheet(HTML) 1 Page - LUMEX INC.

  LDS-A816RI Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDS-A816RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDS-A812RI LUMEX-LDS-A812RI Datasheet
56Kb / 1P
0.80 SEVEN SEGMENT, LED DISPLAY
LDS-A812RI-SUG LUMEX-LDS-A812RI-SUG Datasheet
57Kb / 1P
574nm GREEN CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A813RI LUMEX-LDS-A813RI Datasheet
57Kb / 1P
590635nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS
LDS-A814RI LUMEX-LDS-A814RI Datasheet
69Kb / 1P
0.8 SINGLE DIGIT, SEVEN SEGMENT DISPLAY
LDS-A814RI-SI LUMEX-LDS-A814RI-SI Datasheet
57Kb / 1P
636nm RED CHIPS, GRAY FACE WITH WHITE SEGMENTS
More results

Similar Description - LDS-A816RI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDS-A306RI ETC1-LDS-A306RI Datasheet
67Kb / 1P
0.30 SEVEN SEGMENT DISPLAY, 660nm SUPER RED, GREY FONT/WHITE SEGMENTS, COMMON ANODE.
LDS-A303RI ETC1-LDS-A303RI Datasheet
67Kb / 1P
0.30 SEVEN SEGMENT DISPLAY, 585nm YELLOW, GRAY FONT/WHITE SEGMENTS, COMMON ANODE
logo
LUMEX INC.
LDT-C514RI LUMEX-LDT-C514RI Datasheet
46Kb / 1P
TRIPLE DIGHT, SEVEN SEGMENT DISPLAY, 635mm RED, GREY FONT/WHITE SEGMENTS, COMMON CATHODE
LDC-M3004RI LUMEX-LDC-M3004RI Datasheet
64Kb / 1P
0.30 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY, 635mm RED, MULTIPLEXED, COMMON ANODE, GREY FONT/WHITE SEGMENTS
LDC-N3014RI LUMEX-LDC-N3014RI Datasheet
64Kb / 1P
0.30 QUAD DIGIT, SEVEN SEGMENT, CLOCK DISPLAY, 635mm RED, MULTIPLEXED, COMMON ANODE, GREY FONT/WHITE SEGMENTS
LDD-C516RI LUMEX-LDD-C516RI Datasheet
46Kb / 1P
660nm RED GREY FONT/WHITE SEGMENTS
LDS-C516RI LUMEX-LDS-C516RI Datasheet
94Kb / 1P
660nm RED GREY FONT/WITE SEGMENTS
LDS-C816RI LUMEX-LDS-C816RI Datasheet
124Kb / 1P
660nm RED GREY FONT/WHITE SEGMENTS
LDS-A5206RI LUMEX-LDS-A5206RI Datasheet
66Kb / 1P
660nm RED GREY FONT/WHITE SEGMENTS
LDS-C416RI LUMEX-LDS-C416RI Datasheet
69Kb / 1P
0.43 SINGLE DIGIT, SEVEN SEGMENT DISPLAY, 660nm RED, GREY FONT/WHITE SEGMENTS, COMMON CATHODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com