Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0002 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0002
Description  IGBT POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0002 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0002 Datasheet HTML 1Page - Solid States Devices, Inc PM0002 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SPMQ461-01
FEATURES:
DATA SHEET #: PM0002B
MAXIMUM RATINGS
Collector to Emiter Voltage, per Leg
Volts
200 AMP/600 VOLTS
HALF BRIDGE
IGBT POWER MODULE
FOR SPACE APPLICATIONS
DESIGNER'S DATA SHEET
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
CHARACTERISTIC
SYMBOL
VALUE
UNIT
VCES
600
Continuous Collector Current, per Leg
Amps
200
100
IC1
IC2
Operating and Storage Temperature
-55 TO +150
TOP & TSTG
Pulse Collector Current, per Leg 1/
Amps
ICM
Thermal Resistance, Junction to Base, per Leg
oC/W
0.28
1JB
o C
300
ASPM
Gate to Collector Voltage
Volts
VGES
"20
ELECTRICAL SCHEMATIC
• High Current Switching for Motor Drives and Inverters for
Space Applications.
• Push-Pull Configuration with Freewheeling Diodes.
• Low Saturation Voltage at High Currents.
• Low Mechanical Stress Design.
• Hermetic Sealed Construction for Aerospace Applications.
• Excellent Thermal Management.
• Full Power Screened Hermetic Discretes.
• TX, TXV, and S-Level Screening Available.
• Consult Factory for:
• Faster Switching Speeds;
• Other Bridge Configurations and Terminal Styles.
TB = 25
oC
TB = 90
oC
Clamped Inductive Load Current, per Leg
(TB = 125
EC, VCC = 480V, VGE = 15V, L = 30uH, RG = 10S
Amps
ILM
100
Reverse Voltage Avalange Energy, per Leg 1/ (IC = 100A)
mJ
EARV
5.6
W
W/oC
625
5
PD1
PD2
Total Module Dissipation, per Leg @TB = 25
oC
Dissipation Derating from TB = 25
oC to TB = 150oC, per Leg
1/
Pulse Duration Limited by TJMAX; Repetative Rating


Similar Part No. - PM0002

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0002 SSDI-PM0002_15 Datasheet
83Kb / 2P
IGBT POWER MODULE
More results

Similar Description - PM0002

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM25GB120DN2 EUPEC-BSM25GB120DN2 Datasheet
318Kb / 10P
IGBT Power Module
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
IGBT Power Module
BSM50GB170DN2 EUPEC-BSM50GB170DN2 Datasheet
260Kb / 10P
IGBT Power Module
BSM75GB170DN2 EUPEC-BSM75GB170DN2 Datasheet
313Kb / 10P
IGBT Power Module
BSM100GB120DN2K EUPEC-BSM100GB120DN2K Datasheet
313Kb / 10P
IGBT Power Module
BSM100GB170DN2 EUPEC-BSM100GB170DN2 Datasheet
327Kb / 10P
IGBT Power Module
BSM200GA120DN2 EUPEC-BSM200GA120DN2 Datasheet
208Kb / 11P
IGBT Power Module
BSM200GB120DN2 EUPEC-BSM200GB120DN2 Datasheet
180Kb / 11P
IGBT Power Module
logo
Solid States Devices, I...
PM0010 SSDI-PM0010 Datasheet
82Kb / 2P
IGBT POWER MODULE
PM0010 SSDI-PM0010_15 Datasheet
82Kb / 2P
IGBT POWER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com