Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RA0074A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0074A
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0074A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0074A Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA117
__ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Peak Inverse Voltage
A = 50V, B = 100V, C = 200V, D = 400V
E = 600V, F = 800V, and G = 1,000V.
SDA117A thru SDA117G
4.0 AMPS
50 to 1,000 VOLTS
STANDARD RECOVERY
SINGLE PHASE BRIDGE RECTIFIER
FEATURES:
Average Output Current 4.0 Amps @ 55OC
PIV 50 to 1,000 Volts Per Leg
All Welded Interconnects
Hermetically Sealed Diode Cells
Universal 2 Mounting Position Case
Thermal Conductive Epoxy Encapsulated
Available in Fast , Ultra Fast, and Hyper Fast
Versions
TX, TXV, and S-Level Screening Available
SDA117 Package 5/
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: I
F = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
5/ For Information on Curves, Contact Factory for Assistance.
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse
4/
Recovery
Time
Average DC Output Current
TC=Case Temp
Peak 1
Cycle
Forward
Surge
Peak
Recurrent
Forward
Surge
Maximum
Forward Voltage
Drop (per leg)
Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF(AV)
IFSM
IFRM
VF
IR
Units
Volts
μs
Amps
Amps
Amps
Volts Amps
μA
Conditions
Max
55
oC
100
oC
125
OC
VF
IF
25
oC
100
oC
SDA117A
50
35
5
4.0
2.5
2.0
50
10
1.2
3.0
2
50
SDA117B
100
70
5
4.0
2.5
2.0
50
10
1.2
3.0
2
50
SDA117C
200
140
5
4.0
2.5
2.0
50
10
1.2
3.0
2
50
SDA117D
400
280
5
4.0
2.5
2.0
50
10
1.2
3.0
2
50
SDA117E
600
420
5
4.0
2.5
2.0
50
10
1.2
3.0
2
50
SDA117F
800
560
5
4.0
2.5
2.0
50
10
1.2
3.0
2
50
SDA117G
1000
700
5
4.0
2.5
2.0
50
10
1.2
3.0
2
50
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0074A
DOC


Similar Part No. - RA0074A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0074A SSDI-RA0074A_15 Datasheet
114Kb / 1P
SINGLE PHASE BRIDGE RECTIFIER
More results

Similar Description - RA0074A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com