Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL8DN6LF3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STL8DN6LF3
Description  Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN6LF3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STL8DN6LF3 Datasheet HTML 3Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 4Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 5Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 6Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 7Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 8Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 9Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 10Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID022261 Rev 5
7/18
STL8DN6LF3
Electrical characteristics
18
Figure 8. Gate charge vs gate-source voltage
Figure 9. Capacitance variations
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=30V
ID=7.8A
10
12
14
AM13012v1
C
1000
100
10
10
30
VDS(V)
(pF)
20
40
Ciss
Coss
Crss
50
0
AM13013v1
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs,
temperature
VGS(th)
1.0
0.8
0.6
0.4
-75
TJ(°C)
(norm)
-25
1.2
75
25
125
ID=250µA
AM13014v1
RDS(on)
1.2
0.8
0.4
0
-75
TJ(°C)
(norm)
-25
75
25
125
1.6
2.0
ID=3A
VGS=10V
AM13015v1
Figure 12. Source-drain diode forward
characteristics
VSD
2
4
ISD(A)
(V)
3
7
5
6
0.4
0.5
0.6
0.7
0.8
0.9
TJ=-55°C
TJ=175°C
TJ=25°C
AM13016v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com