Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB84VB2000 Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB84VB2000
Description  8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB84VB2000 Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB84VB2000 Datasheet HTML 2Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 3Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 4Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 5Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 6Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 7Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 8Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 9Page - fujitsu semiconductor MB84VB2000 Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
MB84VB2000-10/MB84VB2001-10
s FLEXIBLE SECTOR-ERASE ARCHITECTURE
• One 16 K byte, two 8 K bytes, one 32 K byte, and fifteen 64 K bytes
× 2.
• Individual-sector, multiple-sector, or bulk-erase capability.
MB84VB2000 Sector Architecture
MB84VB2001 Sector Architecture
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
60000H
58000H
50000H
48000H
40000H
38000H
30000H
16K byte/8K word
8K byte/4K word
8K byte/4K word
32K byte/16K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
7FFFFH
7E000H
7D000H
7C000H
78000H
70000H
68000H
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
64K byte/32K word
32K byte/16K word
8K byte/4K word
8K byte/4K word
16K byte/8K word
28000H
20000H
18000H
10000H
08000H
00000H
48000H
40000H
38000H
30000H
28000H
20000H
18000H
7FFFFH
78000H
70000H
68000H
60000H
58000H
50000H
10000H
08000H
04000H
03000H
02000H
00000H
C0000H
B0000H
A0000H
90000H
80000H
70000H
60000H
FFFFFH
FC000H
FA000H
F8000H
F0000H
E0000H
D0000H
50000H
40000H
30000H
20000H
10000H
00000H
90000H
80000H
70000H
60000H
50000H
40000H
30000H
FFFFFH
F0000H
E0000H
D0000H
C0000H
B0000H
A0000H
20000H
10000H
08000H
06000H
04000H
00000H
(
×8)
(
×16)
(
×8)
(
×16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com