Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS5A2053 Datasheet(PDF) 1 Page - Texas Instruments

Part # TS5A2053
Description  SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2053 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A2053_14 Datasheet HTML 1Page - Texas Instruments TS5A2053_14 Datasheet HTML 2Page - Texas Instruments TS5A2053_14 Datasheet HTML 3Page - Texas Instruments TS5A2053_14 Datasheet HTML 4Page - Texas Instruments TS5A2053_14 Datasheet HTML 5Page - Texas Instruments TS5A2053_14 Datasheet HTML 6Page - Texas Instruments TS5A2053_14 Datasheet HTML 7Page - Texas Instruments TS5A2053_14 Datasheet HTML 8Page - Texas Instruments TS5A2053_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
Description
The TS5A2053 is a single-pole double-throw (SPDT)
analog switch that is designed to operate from 1.65 V
to 5.5 V. This device can handle both digital and analog
signals, and signals up to V+ can be transmitted in either
direction.
Applications
D Cell Phones
D Portable Audio Video Equipment
D Battery-Powered Equipment
D Low-Voltage Data-Acquisition Systems
D Test Equipment
D Communication Circuits
SSOP OR VSSOP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COM
EN
GND
GND
NO
NC
V+
IN
Logic Control
YEP OR YZP PACKAGE
(BOTTOM VIEW)
1
2
3
4
8
7
6
5
COM
EN
GND
GND
NO
NC
V+
IN
Logic Control
FUNCTION TABLE
EN
IN
NC TO COM,
COM TO NC
NO TO COM,
COM TO NO
L
L
ON
OFF
L
H
OFF
ON
H
X
OFF
OFF
Features
D Low ON-State Resistance (10 W)
D Control Inputs Are 5-V Tolerant
D Low Charge Injection
D Excellent ON-Resistance Matching
D Low Total Harmonic Distortion (THD)
D 1.65-V to 5.5-V Single-Supply Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
Summary of Characteristics
V+ = 5 V and TA = 25 °C
Configuration
Single Pole
Double Throw
(SPDT)
Number of channels
1
ON-state resistance (ron)
7.5
ON-state resistance match (
∆ron)
0.8
ON-state resistance flatness (ron(flat))
1.7
Turn-on/turn-off time (tON/tOFF)
6.8 ns/4.1 ns
Charge injection (QC)
3 pC
Bandwidth (BW)
330 MHz
OFF isolation (OISO)
−64 dB at 10 MHz
Crosstalk (XTALK)
−68 dB at 10 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (ICOM(OFF))
±10 nA
Power-supply current (I+)
0.1
µA
Package options
8-pin DSBGA, SSOP, or
VSSOP
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005–2006, Texas Instruments Incorporated


Similar Part No. - TS5A2053_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A2053 TI-TS5A2053_15 Datasheet
912Kb / 28P
SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
More results

Similar Description - TS5A2053_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
logo
Texas Instruments
TS5A2053 TI-TS5A2053 Datasheet
310Kb / 23P
SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
logo
Pericom Semiconductor C...
PI3A412E PERICOM-PI3A412E Datasheet
774Kb / 9P
0.5廓, 3.3V, Quad SPDT Analog Switch with Enable
logo
Vishay Siliconix
DG469 VISHAY-DG469 Datasheet
185Kb / 9P
High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
17-Dec-07
logo
Texas Instruments
TS5A2053 TI-TS5A2053_09 Datasheet
576Kb / 26P
SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A3159 TI-TS5A3159_09 Datasheet
612Kb / 26P
1-R SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG469 VISHAY-DG469_09 Datasheet
134Kb / 9P
High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
08-Jun-09
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
logo
Texas Instruments
1633921 TI-1633921 Datasheet
889Kb / 24P
SINGLE SPDT ANALOG SWITCH
TS5A2053 TI-TS5A2053_15 Datasheet
912Kb / 28P
SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com