Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS19 Datasheet(PDF) 1 Page - General Semiconductor

Part # BAS19
Description  Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAS19 Datasheet(HTML) 1 Page - General Semiconductor

  BAS19 Datasheet HTML 1Page - General Semiconductor BAS19 Datasheet HTML 2Page - General Semiconductor BAS19 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small Signal Diodes
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
SOT-23
4/98
Symbol
Value
Unit
Continuous Reverse Voltage
BAS19
BAS20
BAS21
VR
VR
VR
100
150
200
V
V
V
Repetitive Peak Reverse Voltage
BAS19
BAS20
BAS21
VRRM
VRRM
VRRM
120
200
250
V
V
V
Non-Repetitive Peak Forward Current
at t = 1
µs
at t = 1 s
IFSM
IFSM
2.5
0.5
A
A
Average Rectified Forward Current
(averaged over any 20 ms period)
IF(AV)
2001)
mA
Forward DC Current at Tamb = 25 °C
IF
2002)
mA
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation up to Tamb = 25 °C
Ptot
2002)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
– 65 to +150
°C
1) Measured under pulse conditions; Pulse time = tp
≤ 0.3 ms.
2) Device on fiberglass substrate, see layout.
1
3
2
Top View
BAS19, BAS20, BAS21
Silicon Planar Epitaxial High-Speed
Diodes
For switching and general purpose
applications.
These diodes are also available in other case styles includ-
ing: the SOD-123 case with the type designation BAV19W -
BAV21W, the MiniMELF case with the type designation
BAV101 - BAV103, and the DO-35 case with the type desig-
nation BAV19 - BAV21.
Marking
BAS19 = A8
BAS20 = A81
BAS21 = A82


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com