Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE8713 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8713
Description  4 Section Bandpass Filter With SMA Female Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8713 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8713 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8713 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
4 Section Bandpass Filter With SMA Female Connectors Operating
From 3.3 GHz To 3.7 GHz With a 400 MHz Passband
Configuration
Design
Combline Filter
Connector 1
SMA Female
Connector 2
SMA Female
Passband Frequency Range, GHz
3.3 to 3.7
Electrical Specifications
Passband Minimum Frequency, GHz
3.3
Passband Maximum Frequency, GHz
3.7
Impedance, Ohms
50
Maximum Insertion Loss, dB
0.75
Passband Maximum VSWR
1.5:1
Maximum Input Power, Watts
5
Rejection at 1.6 GHz
50 dB
Rejection at 5.4 GHz
50 dB
Mechanical Specifications
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/4-section-band-pass-filter-3.3-ghz-3.7-ghz-passband-400-mhz-pe8713-p.aspx
4 Section Bandpass Filter With SMA Female Connectors Operating From 3.3 GHz To 3.7 GHz With a 400 MHz Passband
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
4 Section Bandpass Filter With SMA Female Connectors
Operating From 3.3 GHz To 3.7 GHz With a 400 MHz Passband
PE8713
PE8713 REV


Similar Part No. - PE8713

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8710 PASTERNACK-PE8710 Datasheet
250Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8711 PASTERNACK-PE8711 Datasheet
249Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8712 PASTERNACK-PE8712 Datasheet
246Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
PE8715 PASTERNACK-PE8715 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 1000 MHz To 2.5 GHz With a 1.5 GHz Passband
More results

Similar Description - PE8713

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8700 PASTERNACK-PE8700 Datasheet
248Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8701 PASTERNACK-PE8701 Datasheet
246Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8703 PASTERNACK-PE8703 Datasheet
248Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8704 PASTERNACK-PE8704 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8705 PASTERNACK-PE8705 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8706 PASTERNACK-PE8706 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8709 PASTERNACK-PE8709 Datasheet
250Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8710 PASTERNACK-PE8710 Datasheet
250Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8711 PASTERNACK-PE8711 Datasheet
249Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8712 PASTERNACK-PE8712 Datasheet
246Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com