Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E3Z-R66 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 14Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
E3Z
E3Z
14
Straight
XS3F-M421-402-A (L=2 m)
XS3F-M421-405-A (L=5 m)
Right Angle
XS3F-M422-402-A (L=2 m)
XS3F-M422-405-A (L=5 m)
J
M8 CONNECTOR CORDSETS
4 (0.16) dia.
9dia.
(0.35)
21.5
(0.85)
31.4
(1.24)
50 (1.97)
30
20.5
(0.81)
23.1
(0.91)
4 (0.16) dia.
50 (1.97)
9 (0.35) dia.
2.15
0.5
3.4
1.95
30
5
5
Precautions
To ensure safe sensor operation, please follow the following
precautions:
J
WIRING
Power Supply Voltage
Make sure that the power supply to the Sensor is within the rated
voltage range.
Load Short-circuiting
Do not short-circuit the load, or the Sensor may be damaged.
Polarity
Correct polarity wiring is required to prevent damage to the
sensor.
Connection Without Load
Do not connect power supply to the Sensor with no load
connected, or the internal elements may explode or burn.
J
OPERATING ENVIRONMENT
Do not use the Sensor in locations with explosive or flammable
gas.
J
SETTINGS
Power Reset Time
The Sensor is ready to operate 100 ms after the Sensor is turned
ON. If the load and Sensor are connected to independent power
supplies respectively, be sure to turn ON the Sensor before
turning the load ON.
J
CONNECTIONS
M8 Metal Connector
•
Turn off power before disconnecting the sensor.
•
Remove the connector cover before connecting or discon-
necting the metal connector.
•
Secure the connector cover by hand. Do not use any pliers,
or the connector may be damaged.
•
The proper tightening torque range is between 0.3 and 0.4
N S m. Be sure to tighten the connector securely in order to
maintain the the specified degree of protection and to keep
the connector from loosening due to vibration.
J
MOUNTING
Use M3 screws to mount the sensor and tighten each screw to a
maximum torque of 0.53 N S m.
E3Z-jjj
E39-L104 Mounting Bracket
(sold separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com