Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3DC1111 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 3DC1111
Description  SMD 3D Coil 11x11x3mm Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3DC1111 Datasheet(HTML) 2 Page - DB Lectro Inc

  3DC1111 Datasheet HTML 1Page - DB Lectro Inc 3DC1111 Datasheet HTML 2Page - DB Lectro Inc 3DC1111 Datasheet HTML 3Page - DB Lectro Inc 3DC1111 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3DC1111LP
SMD 3D Coil 11x11x3mm Low Profile
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas. Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: info@grupopremo.com Web http://www.grupopremo.com
Three Axes Transponder Inductors
All rights reserved. Share, use or communication of the contents of this document not permitted without written authorisation.
2
3. Materials
Core:
Ferrite Core
SMD Base: LCP
Leadframe: CuSn6 / Cu / Sn100
Wires:
Enamelled and Selfbonding copper wire
Adhesive:
Epoxy-based adhesives
Label:
Acrylate
Remark : Products comply with RoHS requirements
4. General Specifications. Recommended Reflow Profile
Typical Operating Frequency 125KHz
Storage Temperature -40 ºC → +85 ºC
Operating Temperature -40 ºC → +85 ºC
Lead Free Reflow Profile
0400 (sec)
100
200
300
ºC
140
180
275
210
max 360 sec
preheating 60 - 120 sec
cooling zone
100
190 200
280 300
360
90 sec
30 sec
2-4ºC/ sec
5. Electrical Characteristics
3DC1111LP
Code
Lx,y,z
(mH)
Qx,y
Min
Freq
(KHz)
Cres
(pF)
SRFx,y
(KHz)
Min
SRFz
(KHz)
Min
DCRx,y
(Ohm)
Max
DCRz
(Ohm)
Max
Sensitivity x,y,z
(mV/App/m)
Min
Length
(mm)
Width
(mm)
Height
(mm)
3DC11LP-0238J
2.38
25
125
680
500
900
50
50
40
13
11.6
3.1
3DC11LP-0247J
2.47
25
125
656
500
800
50
50
50
3DC11LP-0345J
3.45
29
125
470
400
800
60
70
55
3DC11LP-0405J
4.05
30
125
400
400
600
67
67
60
3DC11LP-0477J
4.77
30
125
340
370
600
70
96
65
3DC11LP-0491J
4.91
32
125
330
350
600
74
98
65
3DC11LP-0720J
7.20
25
125
225
330
500
84
120
72



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com