Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL4148 Datasheet(PDF) 1 Page - General Semiconductor

Part # LL4148
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL4148 Datasheet(HTML) 1 Page - General Semiconductor

  LL4148 Datasheet HTML 1Page - General Semiconductor LL4148 Datasheet HTML 2Page - General Semiconductor LL4148 Datasheet HTML 3Page - General Semiconductor LL4148 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Small Signal Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05 g
Dimensions in inches and (millimeters)
MiniMELF
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
4/98
LL4148
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Forward DC current at Tamb = 25 °C
IF
2001)
mA
Rectified Current (Average)
Half Wave Rectification with Resist. Load
at Tamb = 25 °C and f ≥ 50 Hz
I0
1501)
mA
Surge Forward Current at t < 1 s and Tj = 25 °C
IFSM
500
mA
Power Dissipation at Tamb = 25 °C
Ptot
5001)
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
–65 to +175
°C
1) Valid provided that electrodes are kept at ambient temperature.
Silicon Epitaxial Planar Diodes
Fast switching diode in MiniMELF case
especially suited for automatic insertion.
This diode is also available in other case styles
including: the DO-35 case with the type designation
1N4148, the SOD-123 case with the type
designation 1N4148W, and the SOT-23
case with the type designation IMBD4148.
♦
♦
♦


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS Datasheet
127Kb / 3P
Small-Signal Diodes
14-May-02
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com