Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBT4401 Datasheet(PDF) 1 Page - General Semiconductor

Part # MMBT4401
Description  SMALL SIGNAL TRANSISTORS (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMBT4401 Datasheet(HTML) 1 Page - General Semiconductor

  MMBT4401 Datasheet HTML 1Page - General Semiconductor MMBT4401 Datasheet HTML 2Page - General Semiconductor MMBT4401 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT4401
SMALL SIGNAL TRANSISTORS (NPN)
FEATURES
¨ NPN Silicon Epitaxial Planar Transistor
for switching and amplifier applications.
¨ As complementary type, the PNP
transistor MMBT4403 is recommended.
¨ This transistor is also available in the TO-92 case with
the type designation 2N4401.
MECHANICAL DATA
Case: SOT-23 Plastic Package
Weight: approx. 0.008g
Marking code: 2X
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
Volts
Collector-Emitter Voltage
VCEO
40
Volts
Emitter-Base Voltage
VEBO
6.0
Volts
Collector Current-Continuous
IC
600
mA
Power Dissipation FR-5 Board,* TA=25
°C
Ptot
225
mW
Derate above 25
°C
1.8
mW/
°C
Power Dissipation Alumina Substrate,** TA=25
°C
Ptot
300
mW
Derate above 25
°C
2.4
mW/
°C
Thermal Resistance, Junction to Ambient
FR-5 Board
RQJA
556
°C/W
Alumina Substrate
417
Junction Temperature
Tj
150
¡C
Storage Temperature Range
TS
Ð55 to +150
¡C
*FR-5 = 1.0 x 0.75 x 0.062 in.
**Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
SOT-23
2/18/99
Dimensions in inches and (millimeters)
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
ADVANCED INFORMATION
ADVANCED INFORMATION


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT4401 ZOWIE-MMBT4401 Datasheet
125Kb / 6P
SWITCHING TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT4401 FAIRCHILD-MMBT4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT4401 DIODES-MMBT4401 Datasheet
52Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30039 Rev. 4 - 2
logo
Micro Commercial Compon...
MMBT4401 MCC-MMBT4401 Datasheet
83Kb / 3P
NPN General Purpose Amplifier
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com