Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3709 Datasheet(PDF) 1 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 1 Page - ams AG

  AS3709 Datasheet HTML 1Page - ams AG AS3709 Datasheet HTML 2Page - ams AG AS3709 Datasheet HTML 3Page - ams AG AS3709 Datasheet HTML 4Page - ams AG AS3709 Datasheet HTML 5Page - ams AG AS3709 Datasheet HTML 6Page - ams AG AS3709 Datasheet HTML 7Page - ams AG AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 1
AS3709
μPMIC with 5 DCDC and 2 LDOs
The AS3709 is an ultra compact μPMIC containing 5
high-efficiency, constant-frequency synchronous buck
converters in addition with two universal IO LDOs are available
for lower current power rails. The wide input voltage range (2.7V
to 5.5V), automatic power-save mode and minimal external
component requirements make the AS3709 perfect for any
single Li-Ion battery-powered or fixed 3.3V/5V supply
application. Typical supply current with no load is 110μA and
decreases to
≤ 7μA in shutdown mode. An internal synchronous
switch increases efficiency and eliminates the need for an
external Schottky diode. The internally fixed switching
frequency (2MHz, 3MHz or 4MHz) allows the use of small surface
mount external components. Very low output voltages can be
delivered with the internal 0.6V feedback reference voltage. The
AS3709 is available in a 32-pin QFN 4x4mm package and in a
very compact CSP36 with 0.4mm pitch.
For further understanding in regards to the contents of the
datasheet, please refer to the Reference Guide located at the end
of the document.
Key Benefits & Features
The benefits and features of AS3709, μPMIC with 5 DCDC and 2
LDOs are listed below:
Figure 1:
Added Value of using AS3709
Benefits
Features
Compact design due to small coils for IO and memory
voltage generation
5 DCDC step down regulators (2-4MHz)
Independent voltage rails for general purpose IO
supplies
2 universal IO LDOs
Flexible and fast adaptation to different
processors/applications
OTP programmable Boot and Power-down sequence
Power saving control according to the processor‘s
needs.
Stand-by function with programmable sequence and
voltages
Self-contained start-up and control for single-cell
battery applications.
Safety shutdown feature.
Control Interface
I²C/SPI control lines
ON key with 4/8s emergency shut-down
POR with RESET I/O
Dedicated packages for specific applications.
Optimization for PCB cost or size.
32-pin QFN (4x4mm), 0.4mm pitch
36-ball WL-CSP 0.4mm pitch
General Description


Similar Part No. - AS3709

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS3701 AMSOSRAM-AS3701 Datasheet
3Mb / 110P
Micro-PMIC
2016-Dec-14
AS3701A-BWLW-ES AMSOSRAM-AS3701A-BWLW-ES Datasheet
3Mb / 110P
Micro-PMIC
2016-Dec-14
AS3701B-BWLM-00 AMSOSRAM-AS3701B-BWLM-00 Datasheet
3Mb / 110P
Micro-PMIC
2016-Dec-14
AS3701B-BWLT-00 AMSOSRAM-AS3701B-BWLT-00 Datasheet
3Mb / 110P
Micro-PMIC
2016-Dec-14
AS3701B-BWLW-ES AMSOSRAM-AS3701B-BWLW-ES Datasheet
3Mb / 110P
Micro-PMIC
2016-Dec-14
More results

Similar Description - AS3709

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
ON Semiconductor
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Texas Instruments
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
logo
ON Semiconductor
NCP6922C ONSEMI-NCP6922C Datasheet
2Mb / 42P
4 Channels PMIC, 2 x DC-to-DC Converters, 2 x LDOs
September, 2019 ??Rev. 2
logo
ams AG
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com