Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2118001520 Datasheet(PDF) 1 Page - Meder Electronic

Part # 2118001520
Description  Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

2118001520 Datasheet(HTML) 1 Page - Meder Electronic

  2118001520 Datasheet HTML 1Page - Meder Electronic 2118001520 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KSK-1A80-1520
Item:
| Email: salesasia@meder.com
2118001520
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Magnetic properties
Conditions
Min
Typ
Max
Unit
measured in coil- "define operation"
Pull-In excitation (Reference value)
KMS-01
Reed switch unmodified
Test-Coil
Contact data 80
Conditions
Min
Typ
Max
Unit
80
Contact-No.
A
Contact-form
Rhodium
Contact-material
not to exceed their individual max.'s
Contact-rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
!"#$%""%
Start Value
Contact resistance static
!&%'"&
Start Value
Contact resistance dynamic
(
RH <45 %, 100 V test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage
)
measured with 40% overdrive
Operate time incl. bounce
measured with no coil excitation
Release time
*+
@ 10 kHz above open switch
Capacitance
Contact dimensions
C
Conditions
Min
Typ
Max
Unit
,-
Tolerance according to drawing
Overall length
Tolerance according to drawing
Glass body length
Environmental data
Conditions
Min
Typ
Max
Unit
.
1/2 sine wave duration 11ms
Shock
.
from 10 - 2000 Hz
Vibration
/
,
0#
Operating temperature
/
,
0
Storage temperature
/
)
wave soldering max. 5 sec
Soldering temperature
Modifications in the sense of technical progress are reserved
28.05.03
SCHELLHORN
AKELLER
3
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
24.10.08
RKAMP
Approval by:
Approval by:
24.10.08
Approval at:
Approval at:


Similar Part No. - 2118001520

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
2118001015 MEDER-2118001015 Datasheet
61Kb / 2P
Reed Switch
More results

Similar Description - 2118001520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
REED SWITCH
logo
Meder Electronic
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com